PART |
Description |
Maker |
FAN7382 FAN7382M |
Half-Bridge Gate Driver(SOURCING/SINKING : 350mA/650mA) From old datasheet system FAN7382 Half Bridge Gate Driver
|
Fairchild Semiconductor Corporation
|
IR2153D IR2153DS IR2153S IR2153DPBF IR2153PBF IR21 |
Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead SOIC package with bootstrap diode Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-lead PDIP package Half Bridge Driver, LO In Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package with bootstrap diode From old datasheet system SELF-OSCILLATING HALF-BRIDGE DRIVER DUAL MOSFET DRIVER,CMOS,DIP,8PIN,PLASTIC
|
International Rectifier
|
TLE5208-6G TLE5208-6 |
1-A Hex-Half-Bridge / Double Six-Driver For Automotive and Industrial Motion Control Applications(1A、十六半双六-驱动器(六高边、六低边)用于汽车和工业的动作控 1 A Hex-Half-Bridge/Double Six-Driver
|
SIEMENS AG Infineon
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FAN7842_07 FAN7842 FAN7842M FAN7842MX FAN784207 |
Half Bridge Gate Driver 0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High and Low Side Gate Driver
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FAN7390M1X |
Half Bridge Gate Driver; Package: SOP; No of Pins: 14; Container: Tape & Reel HALF BRIDGE BASED PRPHL DRVR, PDSO14
|
Fairchild Semiconductor, Corp.
|
IS0-2100ARH-Q |
High Frequency Half Bridge Driver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) 1.5 A HALF BRDG BASED MOSFET DRIVER, UUC16
|
Intersil, Corp.
|
IR2109S IR21094S IR2109 IR21094 |
HALF-BRIDGEDRIVER HALF-BRIDGE DRIVER
|
http://
IRF
IRF[International Rectifier]
|
UPD16823 UPD16823GS |
3 A HALF BRIDGE BASED PRPHL DRVR, PDSO20 MONOLITHIC H BRIDGE DRIVER
|
NEC[NEC]
|
TLE6281G07 TLE6281G TLE6281GXT |
HALF BRIDGE BASED PRPHL DRVR, PDSO20 H-Bridge Driver IC Adjustable dead time with shoot through protection
|
Infineon Technologies AG
|
FAN7393M FAN7393 |
Half Bridge Gate Driver Half-Bridge Gate Drive IC
|
Fairchild Semiconductor http://
|
SPM6G120-120D |
Three-Phase IGBT BRIDGE With Gate Driver and Optical Isolation 180 A 3 CHANNEL, HALF BRIDGE BASED PRPHL DRVR, XMA54
|
Sensitron Semiconductor
|