PART |
Description |
Maker |
LTC4063 |
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
|
Linear Technology
|
1000-020-80/900 1000-005-80/600 1000-025-80/900 10 |
LAGERWELLE LINEAR PRAEZISION D20 L900MM LAGERWELLE LINEAR PRAEZISION D5MM L600MM LAGERWELLE LINEAR PRAEZISION D25 L900MM LAGERWELLE LINEAR PRAEZISION D8MM L600MM LAGERWELLE LINEAR PRAEZISION D16 L600MM LAGERWELLE线性精密D16 L600MM
|
TE Connectivity, Ltd.
|
LA6588MC |
Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
|
Sanyo Semicon Device
|
REC110L3F103W REC110L3E103W REC110L3D103W REC110L3 |
Precision Linear Transducers, Conductive Plastic, Compact, Robust, Large Measurement Range, High Accuracy, Long Life, Essentially Infinite Resolution, Easy Mounting Precision Linear Transducers Conductive Plastic (REC) Precision Linear Transducers/ Conductive Plastic (REC) Precision Linear Transducers, Conductive Plastic (REC) 精密线性传感器,导电塑料(承包 CRIMP TOOL; RoHS Compliant: NA 精密线性传感器,导电塑料(承包
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc. Analog Devices, Inc.
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IRU1010-25CD IRU1010-25CP IRU1010-25CS IRU1010-25C |
1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR 1A低压差型正,固定2.5V的稳压器 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CS8120YDPR5 CS8120YDR14 CS8120YN8 CS8120YTVA5 CS81 |
5V, 300mA Linear Regulator with RESETbar and ENABLEbar 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP
|
ON Semiconductor
|
AD8367_05 AD8367 AD8367ARU AD8367ARU-REEL-7 AD8367 |
500 MHz, 45 dB Linear-in-dB Variable Gain Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial SPECIALTY ANALOG CIRCUIT, PDSO14 500 MHz, Linear-in-dB VGA with AGC Detector
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC4059LTC4059A LTC4059A LTC4059AEDCPBF LTC4059EDC |
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 x 2 DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 ′ 2 DFN 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 垄楼 2 DFN 900mA linear Li-ion battery charger with thermal regulation.
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
IRU1010CY IRU1010CP IRU1010CD IRU1010CS IRU1010CDT |
1A Adj LDO Linear Regulator in a SOT-223 3-Leads package 1A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 1A低压差型正,可调式稳压器
|
IRF[International Rectifier] International Rectifier, Corp.
|
ZL60010 ZL60010TBD |
1300 nm - 1550 nm, 3 GHz Linear PIN Photodiode High-Performance Linear PIN 1300nm, 1550nm FIBER OPTIC PHOTODIODE DETECTOR, 1310-1550nm, THROUGH HOLE MOUNT, TO-46
|
Zarlink Semiconductor Inc Zarlink Semiconductor, Inc.
|