PART |
Description |
Maker |
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
0569006612MJ9 0569063412MH5 0569010422MF4 05690254 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits CAPACITOR 120UF 63V CAPACITOR 220UF 10V CAPACITOR 220UF 25V CAPACITOR 220UF 35V CAPACITOR 220UF 50V CAPACITOR 220UF 63V CAPACITOR 330UF 16V CAPACITOR 2200UF 16V CAPACITOR 1000UF 25V CAPACITOR 1000UF 35V 电容2200UF 35V CAPACITOR 470UF 50V 电容470UF 50V SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 6.3V的电600UF CAPACITOR 4700UF 16V 16V的电700UF CAPACITOR 2.2UF 50V 电容2.2uF0V CAPACITOR 120UF 25V 25V的电20UF
|
TE Connectivity, Ltd. Honeywell International, Inc. Motorola Mobility Holdings, Inc. ITT, Corp.
|
PHAWOS1000/1850/5KS-DR PHAWOS1000/1850/5KS-ST PHAW |
CAPACITOR, FILM/FOIL, 1000 V, 59 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 500 V, 54 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 60 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 57 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 97 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 45 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 750 V, 49 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 500 V, 73 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 750 V, 36 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 265 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 27 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 354 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 78 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 171 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 422 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 37 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 141 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 134 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 81 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 105 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1500 V, 18 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 124 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 350 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 600 V, 236 uF, CHASSIS MOUNT CAPACITOR, FILM/FOIL, 1000 V, 48 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
Z8L18008FEC Z8L18008VEC Z8L18008PEC Z8L18010FSC Z8 |
Microprocessor Unit Z8018x Family MPU Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:4VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:10uF; Capacitance Tolerance: /- 20%; ESR:2.2ohm; Leaded Process Compatible:Yes; Operating Temp. Max:105 C RoHS Compliant: Yes CONN RING INSUL 26-24 AWG #8 CONN RING INSUL 26-24 AWG #6 CONN RING INSUL 26-24 AWG #2 8-BIT, MICROPROCESSOR, PDIP64 ENHANCED Z180 MICROPROCESSOR Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:6.8uF; Capacitance dielectric type:Niobium Oxide; Case style:P; Depth, external:1.5mm; Length / Height, RoHS Compliant: Yes Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:2.5VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:15uF; Capacitance Niobium Oxide Capacitor; Capacitor Type:Solid; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:4.7uF; Capacitance
|
ZILOG INC Zilog Inc. Zilog. ZiLOG, Inc.
|
STD30NF03L |
Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:100uF; Capacitance N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
TVX2A2R2MAA TVX2A470MAA TVX2A100MAA TVX2W470MDA TV |
CAPACITOR 2.2UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 100V Inhalt pro Packung: 200 Stk. CAPACITOR 10UF 100V Inhalt pro Packung: 500 Stk. CAPACITOR 47UF 450V Inhalt pro Packung: 25 Stk. CAPACITOR 47UF 350V Inhalt pro Packung: 50 Stk. CAPACITOR 33UF 450V Inhalt pro Packung: 50 Stk. 电容33UF 450V Inhalt亲Packung50沙头角 CAPACITOR 22UF 63V Inhalt pro Packung: 500 Stk. 电容22UF 63V Inhalt亲Packung00沙头角 CAPACITOR 220UF 25V Inhalt pro Packung: 200 Stk. 电容220UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 2200UF 25V Inhalt pro Packung: 100 Stk. 电容2200UF 25V的Inhalt亲Packung00沙头角 CAPACITOR 220UF 35V Inhalt pro Packung: 200 Stk. 电容220UF 35V的Inhalt亲Packung200沙头角
|
LELON ELECTRONICS, CORP. Nichicon, Corp.
|
LCBX7RHT333K LCCZ5UHT333Z LCCX7RHT333J LCAZ5UHT333 |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, Z5U, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0047 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0012 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0039 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0082 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0056 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00082 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0018 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.1 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.001 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0027 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 200 V, C0G, 0.000022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0068 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
2404-620-X5U0-102P 2404-620-X5U0-102PLF |
1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR Tubular Radial Lead Capacitor
|
TUSONIX INC Tusonix, Inc.
|
2MBI150NE-120 |
Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:15uF; Capacitance Tolerance: /- 20%; ESR:600mohm; Leaded Process Compatible:Yes RoHS Compliant: Yes IGBT MODULE ( N series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
GNM1M2R61C224ME18 |
CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
|
Murata Manufacturing Co...
|
GNM1M2R60J225ME18 |
CHIP MONOLITHIC CERAMIC CAPACITOR, CAPACITOR ARRAYS FOR GENERAL
|
Murata Manufacturing Co...
|
|