PART |
Description |
Maker |
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
EPM7032LC44-15 EPM7160SLC84-10 EPM7160SLC84-6 EPM7 |
Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 20ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 6ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 12ns Programmable logic , 96 macrocells, 6 logic array blocks, 52 I/O pins, 15ns Programmable logic , 128 macrocells, 8 logic array blocks, 100 I/O pins, 7ns Programmable logic , 128 macrocells, 8 logic array blocks, 84 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 7ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 12ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 12ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 7ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 15ns Programmable logic , 160 macrocells, 10 logic array blocks, 84 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 104 I/O pins, 10ns Programmable Logic Device Family 可编程逻辑器件系列 Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 10ns Programmable logic , 160 macrocells, 10 logic array blocks, 64 I/O pins, 6ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 20ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 15ns Programmable logic , 192 macrocells, 12 logic array blocks, 124 I/O pins, 20ns Programmable logic , 256 macrocells, 16 logic array blocks, 164 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 36 I/O pins, 15ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 7ns Programmable logic , 96 macrocells, 6 logic array blocks, 64 I/O pins, 15ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 6ns Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 6ns Programmable logic , 64 macrocells, 4 logic array blocks, 68 I/O pins, 10ns Programmable logic , 96 macrocells, 6 logic array blocks, 76 I/O pins, 7ns Programmable logic , 32 macrocells, 2 logic array blocks, 36 I/O pins, 10ns
|
Altera, Corp. Altera Corporation
|
PLS153 PLS153A PLS153AA PLS153AN PLS153N |
Programmable logic arrays 18 42 10 OT PLD, 30 ns, PDIP20 Programmable logic arrays 18 42 10 OT PLD, 30 ns, PQCC20 Programmable logic arrays 18 42 10 可编程逻辑阵列18420 Programmable logic arrays 18 × 42 × 10 Programmable logic arrays 18 42 10 Programmable logic arrays 18 】 42 】 10
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
EPM5032 |
(EPM5032 - EPM5192) MAX 5000 Programmable Logic Device Family
|
Altera
|
EPM7128A EPM7512AE EPM7128AETC144-7 EPM7512AEBC256 |
Programmable Logic , 512 Macrocells, 32 Logic Array Blocks, 176 I/o Pins, 10ns Programmable Logic , 256 Macrocells, 16 Logic Array Blocks, 120 I/o Pins, 10ns Programmable Logic Device
|
ALTERA[Altera Corporation]
|
24C02 ST25C02B1TR ST25C02B3TR ST25C02B5TR ST25C02B |
IC MAX 7000 CPLD 32 44-PLCC I2C串行EEPROM SERIAL 2K (256 x 8) EEPROM 串行2K56 × 8)的EEPROM SERIAL 2K (256 x 8) EEPROM 串行2K256 × 8)的EEPROM Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:189; Package/Case:240-PQFP; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No IC MAX 7000 CPLD 32 44-TQFP MOSFET, N, SO-8; Transistor type:MOSFET; Current, Id cont:4A; Resistance, Rds on:6.7R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
EPM3128ATC EPM3256ATC EPM3032ATC EPM3064A EPM3128A |
Programmable Logic , 64 Macrocells, 4 Logic Array Blocks, 66 I/o Pins, 10ns Programmable Logic Device Family Programmable Logic , 128 Macrocells, 8 Logic Array Blocks, 96 I/o Pins, 10ns
|
ALTERA[Altera Corporation]
|
EP1K30 EP1K100 EP1K30QC208-3 EP1K30QC208-2 EP1K30Q |
From old datasheet system Programmable Logic Family Simple PLD - Datasheet Reference Programmable Logic Device Family
|
ETC[ETC] Altera Corp
|
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
|