PART |
Description |
Maker |
HN3C03FU E002003 |
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS) From old datasheet system NPN EPITAXIAL PLANAR TYPE (TV TUNER/ UHF CONVERTER/ UHF RF AMPLIFIER APPLICATIONS) TV TUNER, UHF OSCILLATOR APPLICATION TV UHF RF AMPLIFIER APPLICATION
|
TOSHIBA[Toshiba Semiconductor]
|
UTV005P |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 0.5; Gain (dB): 10; Vcc (V): 20; ICQ (A): 0.22; IMD Type (dB): -60; Case Style: 55FU-2 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
BBY39 BBY39_1 BBY39/T1 |
CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller UHF variable capacitance diode(UHF 可变电容双二极管) UHF variable capacitance double diode From old datasheet system
|
Philips Semiconductors Philipss NXP Semiconductors
|
PE9209 |
UHF MALE TO UHF FEMALE RIGHT ANGLE
|
Pasternack Enterprises, Inc...
|
2SC3120 E000792 SC3120 |
TRANSISTOR (TV TUNER/ UHF MIXER/ VHF~UHF BAND RF AMPLIFIER APPLICATIONS) TRANSISTOR (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS) TV TUNER, UHF MIXER APPLICATIONS VHF~UHF BAND RF AMPLIFIER APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
1SV233 |
INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder PIN Diode for VHF/ UHF/ AGC Use PIN Diode for VHF UHF AGC Use PIN Diode for VHF, UHF, AGC Use
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
KV2101 KV2001 KV2501-15 KV2501-00 KV2801 KV2801-30 |
VARACTOR DIODES HF/VHF/UHF Hyperabrupt Junction UHF BAND, 50 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE UHF BAND, 200 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE UHF BAND, 155 pF, 22 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE
|
Microsemi Corporation MICROSEMI CORP-LOWELL
|
PE3265LF |
CABLE ASSEMBLY RG223/U MINI UHF MALE TO MINI UHF MALE(LEAD FREE)
|
Pasternack Enterprises, Inc...
|
MT6L58AS |
Transistor Silicon NPN Epitaxial Planar Type VHF-UHF Band Low Noise Amplifier Application VHF-UHF Band Oscillator Application
|
TOSHIBA
|
MICRF003 MICRF003BM MICRF033BM MICRF003/033 |
RES, 14.3K, 1/16W, TKF, 1%, 0603 QwikRadiotm 900 MHz UHF Receiver Preliminary Information QwikRadio 900 MHz UHF Receiver
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|