PART |
Description |
Maker |
UC3842 UC3842D UC3842N UC3843D UC3843N UC2845D UC2 |
CURRENTMODE PWM CONTROLLER Current Mode PWM Controller(?垫?妯″?PWM?у??? CURRENTMODE PWM CONTROLLER 电流模式的PWM控制 (UC3842 - UC3845) CURRENTMODE PWM CONTROLLER (UC2843 / UC2844 / UC2845) CURRENTMODE PWM CONTROLLER
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ISL6524 ISL6524CB ISL6524EVA |
PWM Controller and Triple Linear Reg, VRM8.5, 5-Bit DAC, Core %, Linears % VRM8.5 PWM and Triple Linear Power System Controller
|
INTERSIL[Intersil Corporation]
|
FAN4803CP-1 FAN4803CP-2 FAN4803CS-2 FAN4803 FAN480 |
8-Pin PFC and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8 Power Factor Correction (PFC) and PWM Controller Combo
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RT9238 RT9238CS |
VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
|
List of Unclassifed Manufacturers
|
ML4803CP-1 ML4803CP-2 ML4803CP1 ML4803IX-X ML4803 |
Power Factor Correction (PFC) and PWM Controller Combo From old datasheet system CAPACITOR, 10UF 10VCAPACITOR, 10UF 10V; Capacitance:10uF; Voltage rating, DC:10V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, ripple 8引脚PFC和PWM组合控制 8-Pin PFC and PWM Controller Combo 1 A POWER FACTOR CONTROLLER WITH POST REGULATOR, 67 kHz SWITCHING FREQ-MAX, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Micro Linear Corporation Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HIP6004 HIP6004CB FN4275 HIP6004A |
PWM Controller, Microprocessor DC-DC Converter, Buck/Sync-Rectifier, TTL 5-Bit VID DAC, % Reg, Output 1.8-3.5VDC Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor From old datasheet system
|
INTERSIL[Intersil Corporation]
|
NCP1216AD100R2G NCP1216AP100G NCP1216D133R2G NCP12 |
PWM Current-Mode Controller for High-Power Universal Off-line Supplies; Package: PDIP (8 Minus Pin 7); No of Pins: 7; Container: Rail; Qty per Container: 1000 0.5 A SWITCHING CONTROLLER, 110 kHz SWITCHING FREQ-MAX, PDIP7 PWM Current-Mode Controller for High-Power Universal Off-line Supplies with 50% Duty Cycle max; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
|
ON Semiconductor
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
IPM6220 IPM6220CA IPM6220EVAL1 |
Advanced Triple PWM and Dual Linear Power Controller, Vbatt Hystersis Typ=150mV Advanced Triple PWM and Dual Linear Power Controller for Portable
|
INTERSIL[Intersil Corporation]
|
MAX5015 MAX5014-MAX5015 MAX5015ESA MAX5014ESA MAX5 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 1 A SWITCHING CONTROLLER, 302 kHz SWITCHING FREQ-MAX, PDSO8 Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies From old datasheet system Current- Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL6523CB-T ISL6523CBZ ISL6523CBZ-T ISL6523EVAL1 I |
Adjustable Precision Shunt Regulator 5-SOT-23 -40 to 85 VRM8.5 Dual PWM and Dual Linear Power System Controller
|
INTERSIL[Intersil Corporation]
|
MC33023DW MC33023P MC34023 MC34023P MC33023 ON1082 |
From old datasheet system HLGH SPEED DOUBLE-ENDED PWM CONRTOLLER High Speed Single-Ended PWM Controller
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] Motorola, Inc
|