PART |
Description |
Maker |
APA2060 |
2.4W Stereo Fully Differential Audio Power Amplifier
|
ANPEC
|
APA203709 |
3W Stereo Fully Differential Audio Power Amplifier
|
Anpec Electronics Coropration
|
LT1994CDDTR LT1994IMS8 |
Low Noise, Low Distortion Fully Differential Input/Output Amplifier/Driver; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 3000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
ADUCM320 |
Fully differential and single-ended modes
|
Analog Devices
|
APA0714 |
3W Mono Fully Differential Audio Power Amplifier
|
ANPEC
|
BL6211 |
1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
|
http:// SHANGHAI BELLING CO., LTD.
|
EL5375IU-T7 EL5175ISZ EL5375 EL5175 EL5375IUZ-T7 E |
550MHz Differential Line Receivers 550MHz的差分线接收 550MHz Differential Line Receivers TRIPLE LINE RECEIVER, PDSO24 550MHz Differential Line Receivers LINE RECEIVER, PDSO8 Replaced by PCM2903B : Stereo USB1.1 CODEC with line-out and S/PDIF I/O, Self-powered (HID Interface) 28-SSOP 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TPA6203A1 TPA6203A1DGN TPA6203A1DGNG4 TPA6203A1DGN |
<font color=red>[Old version datasheet]</font> 1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
|
TI store
|
LTC2337-18 LTC2337-18-15 |
18-Bit, 500ksps, 卤10.24V True Bipolar, Fully Differential Input ADC with 100dB SNR
|
Linear Technology, Corp.
|
MS6894MGTR MS6894MGU MS6894 |
Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
|
MOSA ELECTRONICS
|