PART |
Description |
Maker |
AMS302T |
Photo IC type high sensitive light sensor
|
Panasonic Semiconductor
|
3141 A3143 UGN3120ELT UGN3120EUA UGN3120LLT UGN312 |
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 敏感的霍尔效应开关高温作 IC SENSOR 1 CHAN QTOUCH SOT23-6 (UGN3141 - UGN3144) SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Sensitive Hall-Effect Switches, High-Temperature
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
HP333 |
Double-end type high-sensitivity photo diode mounted in a compact clear package
|
Kodenshi Corp KODENSHI KOREA CORP.
|
KP7110 |
High Reliability Digital Output IC Photo IC Photo Coupler
|
COSMO[COSMO Electronics Corporation]
|
BT139B BT139B-500 BT139B-500F BT139B-500G BT139B-6 |
Octal D-Type Registers with 3-State Outputs 20-CDIP -55 to 125 500 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 Triacs high noise immunity Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MTD1114M3B MTD1200M3B-15 |
The MTD1114M3B is a photo diode in a ceramic package. It is well suited for high reliability and high sensitivity applications. Photo Diode
|
Marktech Corporate
|
HTN4A60S |
NON INSULATED TYPE SENSITIVE GATE TRIAC (TO-126 PACKAGE)
|
SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
|
KAQW414 KAQW414S |
High Voltage, Photo Mos Relay PHOTO MOS RELAYS
|
ETC[ETC]
|
SM126G0 SM140 SM120 |
Silicon epitaxial planer type FUSIBLE ALLOY THERMAL SENSITIVE TYPE/ 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current
|
Formosa MS 缇?附寰??瀵间??????? NEC
|
T810H-6G-TR T810H-6T-TR |
High temperature 8 A sensitive TRIACs
|
STMicroelectronics
|
SA5-0A-D |
The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
|
Littelfuse
|
PDP92406BT14 |
SMD Type Photo Diode
|
CT Micro International ...
|