PART |
Description |
Maker |
AK8181D |
AK8181D Evaluation Board
|
Asahi Kasei Microsystems
|
AKD4551 AK4551 AKD4551AKD4551 AKD4551.AKD4551 |
EVALUATION BOARD REV.C FOR AK4551 EVALUATION BOARD REV.C FOR AK4551 Evaluation board Rev.C for AKD4551
|
AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd
|
EVALSPEAR310 |
SPEAr310 evaluation board Evaluation board for SPEAr310 embedded MPU
|
ST Microelectronics STMicroelectronics
|
STR910-EVAL |
Evaluation board for STR91xF Evaluation board for STR91xF
|
STMicroelectronics
|
STR710-EVAL STR71XF |
Evaluation Board for STR71xF Evaluation Board for STR71xF
|
STMicroelectronics
|
SG-30131-2 SG-30550-2 SG-MOTHER-2 SG-703107-1 SG-7 |
Evaluation board for RISC microcontroller software development Evaluation board for software development of RISC microprocessor
|
NEC
|
AOZ1210-EVA |
EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
Alpha & Omega Semiconductors
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
IRDC3710-QFN |
USER GUIDE FOR IRDC3710-QFN EVALUATION BOARD USER GUIDE FOR IRDC3710-QFN EVALUATION BOARD
|
International Rectifier
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
AN7824 AD9713BAN SPT7820 SPT7824 AN-7820 |
EVALUATION BOARD
|
FAIRCHILD[Fairchild Semiconductor]
|