PART |
Description |
Maker |
AD5625RACPZ-1RL7 AD5625R AD5625RBRUZ-1 AD5665RBRUZ |
Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> with 5 ppm/°C On-Chip Reference, I<sup>2</sup>C<sup>?</sup> Interface Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/°C On-Chip Reference, I2C Interface
|
Analog Devices
|
AD9142 |
Dual, 16-Bit, 1600 MSPS, T<span style="text-transform: lowercase">x</span>DAC Digital-to-Analog Converter
|
Analog Devices
|
AD7836 AD7836AS AD7836ASZ AD7836-15 |
LC MOS Quad 14-Bit DAC Quad 14-Bit CMOS DAC on One Monolithic Chip PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 14-BIT DAC, PQFP44 LC2MOS Quad 14-Bit DAC
|
AD[Analog Devices]
|
DAC8420FSZ-REEL DAC8420FS-REEL DAC8420EPZ DAC8420F |
QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 ROHS COMPLIANT, MS-013AA, SOIC-16 Quad 12-Bit Serial Voltage Output DAC QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO16 Quad 12-Bit Serial Voltage Output DAC; Package: PDIP; No of Pins: 16; Temperature Range: TBD QUAD, SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDIP16
|
Analog Devices, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
74ALVC16240 74ALVC16240MTD 74ALVC16240MTDX |
Quad 4-Bit Buffer/Driver ALVC/VCX/A SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp.
|
AD5665-RBRUZ-2 AD5665BCPZ-250RL7 AD5665BCPZ-REEL7 |
Quad, 12-/14-/16-Bit nanoDACs with 5ppm/∑C On-chip Ref, I2C Interface QUAD, SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO14 Quad, 12-/14-/16-Bit nanoDACs with 5ppm/°C On-chip Ref, I2C Interface
|
Analog Devices, Inc.
|
74AC125SCXNL 74ACT125SJ 74AC125MTC 74AC125 74ACT12 |
Quad Buffer with 3-STATE Outputs ACT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Octal D-type transparent latches 20-SOIC 0 to 70 AC SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74ACT257MTC 74ACT257PC 74ACT257SC 74ACT257SJ 74AC2 |
From old datasheet system Quad 2-Input Multiplexer with 3-STATE Outputs 8-Bit TTL/BTL Registered Transceiver 52-QFP 0 to 70 CMOS, 12 Bit Multiplying D/A Converter AC SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
|