PART |
Description |
Maker |
2SD2139 |
Silicon NPN triple diffusion planar type(For high-current amplification ratio, power amplification)
|
PANASONIC[Panasonic Semiconductor]
|
1837336 |
Closed contour for optimum stability of the plug-in connection
|
PHOENIX CONTACT
|
1837213 |
Closed contour for optimum stability of the plug-in connection
|
PHOENIX CONTACT
|
MICROFOX-F |
Through-connected joint for permanent stability and optimum distribution of force
|
PHOENIX CONTACT
|
SF-LHEX-SET |
The strict manufacturing tolerances and special hardening process ensure reliability and optimum results
|
PHOENIX CONTACT
|
E-1048-S602DC24V4.0A E-1048-S602DC24V0.5A E-1048-S |
Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
|
ETAL Group
|
2SC5433 2SC5433-T1 |
Reduced noise high frequency amplification transistor NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
|
NEC[NEC]
|
2SB1694 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) General purpose amplification (-30V, -1A) General purpose amplification (−30V −1A)
|
ROHM[Rohm]
|
13003BSL-T92-K 13003BSL-TM3-T 13003BSL-T60-K 13003 |
NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION NPN SILICON BIPOLAR TRANSISTORS FOR LOW AMPLIFICATION
|
Unisonic Technologies
|