PART |
Description |
Maker |
MC14023UBCL MC14023UBCP MC14023UBD MC14025UBCL MC1 |
Triple 3-nput NAND Gate Quad 2-nput NOR Gate Dual 4-nput NAND Gate Dual 4-nput NOR Gate From old datasheet system Audio CODEC IC; IC Function:Audio Codec; Package/Case:28-SSOP; Interface Type:Serial; Leaded Process Compatible:No; No. of Bits:20; No. of Channels:2; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, CDIP14 OSC 5V SMT 7X5 CMOS PROGRM 4000/14000/40000 SERIES, TRIPLE 3-INPUT NOR GATE, PDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 UB-Suffix Series COMS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 UB-Suffix Series COMS Gates 瑞银后缀系列COMS卫星盖茨
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
AN8130FBP |
High Speed Low Power consumption Bi-COMS 10-Bit A/D convertor
|
Panasonic Semiconductor
|
XC7SH08GW XC7SH08GV |
2-input AND gate High-speed Si-gate CMOS device, 2-input AND function
|
NXP Semiconductors
|
XC7WT14DC XC7WT14DP XC7WT14GD |
High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
|
NXP Semiconductors
|
XC7SET14 XC7SET14GW XC7SET14GV |
High-speed Si-gate CMOS device, an inverting buffer function with Schmitt trigger action
|
NXP Semiconductors
|
ATV750B ATV750B-10DM_883 ATV750B-10JC ATV750B-10JI |
JOYSTICK SWITCH, 5A; Current, contact rating:5A; Angle:12(degree); Centres, fixing:36mm; Contact style:double throw; Series:1000; Termination method:Solder Tab; Voltage, contact AC:250V RoHS Compliant: Yes Paper, 25 meter roll, 58mm wide, front feed (FTP-622, 624, 627, 628, 629) UV PLD, 15 ns, CDIP24 Paper, 25 meter roll, 80mm wide, front feed (FTP-632, 634, 637, 638, 639) UV PLD, 15 ns, CQCC28 High-Speed UV-Erasable Programmable Logic Device OT PLD, 7.5 ns, PDIP24 Paper, 12 meter roll, 58mm wide (FTP-628WSL) OT PLD, 10 ns, PDSO24 High-Speed UV-Erasable Programmable Logic Device OT PLD, 25 ns, PDSO24 High-speed UV-erasable programmable logic device,83MHz High-speed UV-erasable programmable logic device,58MHz High-speed UV-erasable programmable logic device,92MHz
|
http:// ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
6N134 6N134_883B 5962-9085501KPA 5962-9085501KPC 5 |
6N134 · Hermetically Sealed High Speed High CMR Logic Gate Optocouplers 6N134/883B · Hermetically Sealed High Speed High CMR Logic Gate Optocouplers 5962-9085501KPA · Hermetically Sealed High Speed High CMR Logic Gate Optocouplers 5962-9085501KPC · Hermetically Sealed High Speed High CMR Logic Gate Optocouplers 5962-9085501KXA · Hermetically Sealed High Speed High CMR Logic Gate Optocouplers 5962-9085501KYA · Hermetically Sealed High Speed High CMR Logic Gate Optocouplers
|
Agilent (Hewlett-Packard)
|
HCPL-2630 HCPL-2631 HCPL2631 HCPL-2611 6N137 6N137 |
HIGH SPEED-10 MBit/s - LOGIC GATE OPTOCOUPLERS 3V Voltage Monitoring, Low-Cost, µP Supervisory Circuits LOGIC-GATE-OUTPUT OPTOCOUPLER high speed-10 Mbit/s logic gate optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IN74AC86D |
Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
KK74AC21 |
Dual 4-Input AND Gate High-Speed Silicon-Gate CMOS
|
KODENSHI KOREA
|
KK74AC27D |
Triple 3-Input NOR Gate High-Speed Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
|