PART |
Description |
Maker |
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
08P36-04-2-05N 08P36-06-2-05N 08P36-08-2-05S 08P36 |
ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROHS COMPLIANT ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROHS COMPLIANT .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-2POSITIONS, 6PDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED .5 in Dia., 1/4 Amp Multi Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.125A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, SPDT, LATCHED, 0.125A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, 4P3T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-2POSITIONS, 4PDT, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.25A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROTARY SWITCH-12POSITIONS, SP12T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-6POSITIONS, DP6T, LATCHED, 0.25A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc. GRAYHILL INC
|
45719-0004 45719-0005 45719-0007 45719-0008 45714- |
End to End Stackable PCB, Through Hole and Press-Fit Connector, 40A 250V
|
MolexKits
|
0022162181-17 |
KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm Gold (Au), 18 Circuits
|
Molex Electronics Ltd.
|
0022162180-17 |
KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm Gold (Au), 18 Circuits
|
Molex Electronics Ltd.
|
22-16-2231 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 23 Circuits
|
Molex Electronics Ltd.
|
22-16-2251 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.50μm (20μ) Gold (Au), 25 Circuits
|
Molex Electronics Ltd.
|
22-16-2170 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 17 Circuits
|
Molex Electronics Ltd.
|
22-16-2222 0022162222 A-4455-AZ22B |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.80μm (30μ) Gold (Au), 22 Circuits
|
Molex Electronics Ltd.
|
22-16-2110 A-4455-AZ11A |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 11 Circuits
|
Molex Electronics Ltd.
|
22-16-2080 0022162080 |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm (15μ) Gold (Au), 8 Circuits
|
Molex Electronics Ltd.
|
|