PART |
Description |
Maker |
58866-0002 0588660002 |
HMC Rectangular Industrial End Bell Cap Assembly, PG36, 14.00 to 18.00mm (.551to .709) dia. Wire Size, Blue Bush, for External Threaded Hoods HMC?/a> Rectangular Industrial End Bell Cap Assembly, PG36, 14.00 to 18.00mm (.551to .709) dia. Wire Size, Blue Bush, for External Threaded Hoods
|
Molex Electronics Ltd.
|
58866-0001 0588660001 |
HMC Rectangular Industrial End Bell Cap Assembly, PG36, 24.00 to 28.00mm (.945 to 1.102) dia. Wire Size, Yellow Bush, for External Threaded Hoods HMC?/a> Rectangular Industrial End Bell Cap Assembly, PG36, 24.00 to 28.00mm (.945 to 1.102) dia. Wire Size, Yellow Bush, for External Threaded Hoods
|
Molex Electronics Ltd.
|
JAN-60 1600-1 1600-19A JAN-75 4115-1B 1150-19A 456 |
T- Lens-End Lamps, T-1 Lens-End Lamps External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:65W; Output Current:2.7A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 的T透镜完灯公司,T - 1透镜完灯 TV 6C 6#22D PIN PLUG TV 8C 8#8(TWIN) SKT PLUG RECP T- Lens-End Lamps/ T-1 Lens-End Lamps
|
International Light Technologies, Inc. International Light Technologies Inc. Gilway Technical Lamp
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
3239 |
Enclosure; Enclosure Material:Aluminum; External Height:1.38"; External Width:2.25"; External Depth:1.13"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
POMONA ELECTRONICS
|
3602 |
Enclosure; Enclosure Material:Aluminum; External Height:3"; External Width:2.63"; External Depth:1.65"; Enclosure Color:Blue; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes
|
POMONA ELECTRONICS
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
8XL52 8XL54 87L54 87L52 87L58 8XL58 |
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS FUSE KIT, ASSORTED; Depth, external:165mm; Height:50mm; Width, external:260mm
|
Intel Corp.
|
0022162180-17 |
KK 254 PC Board Connector, Right Angle, End-to-End Stackable, 0.38μm Gold (Au), 18 Circuits
|
Molex Electronics Ltd.
|
1SV230 |
FILTER, INLET, IEC, 6A, DPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:57.5mm VARIABLE CAPACITANCE DIODE (CATV CONVERTER 1st OSC TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|