PART |
Description |
Maker |
IRFIBF30G IRFIBF30GPBF |
900V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
|
IRF[International Rectifier]
|
STB6NK90Z STB6NK90ZT4 STP6NK90ZFP STP6NK90Z STW7NK |
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V 1.56 OHM 5.8A TO-220/TO-220FP D2PAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.56ohm - 5.8A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESHPower MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56ヘ - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH⑩ Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STP6NK90Z07 STW7NK90Z STP6NK90Z STP6NK90ZFP |
5.8 A, 900 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET N-channel 900V - 1.56楼? - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH垄芒 Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH Power MOSFET N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH?/a> Power MOSFET
|
STMicroelectronics
|
STB3NC90 STB3NC90Z |
N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FQP5N90 |
900V N-Channel MOSFET 5.4 A, 900 V, 2.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STY30NK90Z |
N-CHANNEL 900V - 0.25 OHM - 26A MAX247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
|
ST Microelectronics
|
5N90G-T3P-T 5N90L-TA3-T 5N9012 5N90G-TF3-T 5N90L-T |
5A, 900V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
7N90 7N90G-TF1-T 7N90L-TF1-T 7N901109 |
7A, 900V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
6N90G-TA3-T 6N90L-TF3-T 6N90G-TF3-T 6N9012 6N90L-T |
6.2A, 900V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
TSM7N90CZC0 TSM7N90CIC0 TSM7N90-14 |
900V N-Channel Power MOSFET
|
Taiwan Semiconductor Co...
|
FQA11N9007 FQA11N90F109 FQA11N90-F109 |
900V N-Channel MOSFET 11.4 A, 900 V, 0.96 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
12N90 |
12A, 900V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|