PART |
Description |
Maker |
IXFN26N90 IXFN25N90 IXFN-26N90 IXFN-25N90 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFETs Single Die MOSFET HiPerFET Power MOSFETs Single Die MOSFET 25 A, 900 V, 0.33 ohm, N-CHANNEL, Si, POWER, MOSFET
|
http:// IXYS[IXYS Corporation] IXYS, Corp.
|
IXFN180N20 |
Discrete MOSFETs: HiPerFET Power MOSFETS N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电0mΩ的N沟道增强型HiPerFET功率MOSFET) HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS Corporation
|
FMM75-01F |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFETTM Power MOSFET Phaseleg Topology in ISOPLUS i4-PACTM From old datasheet system
|
IXYS[IXYS Corporation]
|
IXFH80N10 IXFT80N10 |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 80A I(D) | TO-247AD Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS Corporation
|
IXFNB24N100 IXFNB24N100F IXFN24N100 IXFN24N100F |
HiPerRF Power MOSFETs 24 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET HiPerRF Power MOSFETs F-Class: MegaHertz Switching
|
IXYS, Corp. IXYS Corporation
|
IXFN180N10 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFET Single MOSFET Die
|
ETC[ETC] IXYS[IXYS Corporation]
|
SPP80N03S2L-03 SPB80N03S2L-03 SPI80N03S2L-03 |
80 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB PLASTIC, TO-220, 3 PIN OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 2.8mOhm, 80A, LL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.1mOhm, 80A, LL 80 A; 30V; LL; 3,1 mOhm
|
INFINEON[Infineon Technologies AG]
|
IXFH9N80 IXFH8N80 |
HiPerFET Power MOSFETs - N-Channel Enhancement Mode High dv/dt, Low trr, HDMOSTM Family N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电00V,导通电.1Ω的N沟道增强B>HiPerFET功率MOSFET) Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS[IXYS Corporation]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MRF9060MR1 MRF9060MBR1 MRF9060M |
MRF9060MR1, MRF9060MBR1 945 MHz, 60 W, 26 V Lateral N-Channel Broadband RF Power MOSFETs The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
|
MOTOROLA[Motorola, Inc]
|
SPD08P06P SPU08P06P |
Low Voltage MOSFETs - Power MOSFET, -60V, I-PAK, RDSon = 0.30 SIPMOS Power-Transistor Low Voltage MOSFETs - Power MOSFET, -60V, DPAK, RDSon = 0.30
|
INFINEON[Infineon Technologies AG]
|
IRF6723M2DTR1P IRF6723M2DTR1PBF IRF6723M2DTRPBF IR |
15 A, 30 V, 0.0066 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters Replaces Two Discrete MOSFETs
|
International Rectifier
|
|