PART |
Description |
Maker |
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
STR-S5708 STR-S5707 STRS5708 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR
|
Allegro MicroSystems, Inc.
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
TA78L07F TA78L05F TA78L06F TA78L08F TA78L10F TA78L |
3-Terminal Positive Voltage Regulators 7V 3-Terminal Positive Voltage Regulators 5V 3-Terminal Positive Voltage Regulators 6V 3-Terminal Positive Voltage Regulators 8V 3-Terminal Positive Voltage Regulators 10V 3-Terminal Positive Voltage Regulators 15V 3-Terminal Positive Voltage Regulators 9V 3-Terminal Positive Voltage Regulators 12V 3-Terminal Positive Voltage Regulators 18V 3-Terminal Positive Voltage Regulators 20V
|
TOSHIBA
|
NCV3063DR2G NCP3063BDR2G NCP3063PG NCP3063DR2G NCP |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.5 A SWITCHING REGULATOR, 190 kHz SWITCHING FREQ-MAX, PDSO8 1.5 A, Step-Up/Down/ Inverting Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C
|
ON Semiconductor
|
2SB963 2SB963-Z 2SB963-ZK 2SB963-ZM 2SB963-ZL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS BJT Preset/Adjustable Output CMOS Inverting Switching Regulators PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3
|
NEC Corp. NEC[NEC]
|
TK17A25D |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK50J30D |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK39J60W |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK13E25D |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK4Q60DA |
Switching Voltage Regulators
|
Toshiba Semiconductor
|
TK65E10N1 |
Switching Voltage Regulators
|
Toshiba Semiconductor
|