PART |
Description |
Maker |
STB55NE06 5405 |
N-Channel Enhancement Mode "SINGLE FEATURE SIZETM " Power MOSFET(N沟道增强模式功率MOSFET) N沟道增强模式“的单一的功能SIZETM”功率MOSFET(不适用沟道增强模式功率MOSFET的) N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE ” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE ?POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
APT1001RBLC APT1001RSLC APT1001 |
POWER MOS VI 1000V 11A 1.000 Ohm Power MOS VI is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-4 RoHS Compliant: No Power MOS VI is a new generation of low gate charge/ high voltage N-Channel enhancement mode power MOSFETs N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology] Advanced Power Technology Ltd.
|
ARF447 ARF446 |
RF POWER MOSFETs N- CHANNEL ENHANCEMENT MODE 250V 250W 65MHz N-CHANNEL ENHANCEMENT MODE
|
ADPOW[Advanced Power Technology]
|
IRF540_D ON0285 IRF540/D IRF540-D IRF540 |
27 A, 100 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100V7A TMOS Power Field Effect Transistor (N-Channel Enhancement Mode Silicon Gate100V7A TMOS功率场效应管(N沟道增强型硅门)) From old datasheet system TMOS POWER FET 27 AMPERES TMOS E-FET Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate
|
Motorola, Inc. ON Semiconductor
|
STP40NE03L-20 5372 |
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZEPOWER MOSFET N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET N - CHANNEL ENHANCEMENT MODE ?SINGLE FEATURE SIZE POWER MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
SD219 SD217DE SD217DR SD219DR SD217 SD217CHP SD219 |
25 V, 6 ohm, N-channel enhancement-mode D-MOS power FET (SD217 / SD219) N CHANNEL ENHANCEMENT MODE D MOS POWER FET
|
List of Unclassifed Man... Topaz Semiconductor ETC[ETC]
|
APL501J |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS POWER MOS IV N- CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 500V 43.0A 0.12Ohm
|
Advanced Power Technology Ltd.
|
RFP10P12 RFM10P15 |
(RFP10P12 / RFP10P15) P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS (RFM10P12 / RFM10P15) P-CHANNEL ENHANCEMENT - MODE POWER FIELD-EFFECT TRANSISTORS
|
GE Solid State
|
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
APT5010B2FLL APT5010LFLL APT5010B2 |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. 电源MOS 7TM是一个低损耗,高电压,N沟道增强型功率MOSFET的新一代 Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS. POWER MOS 7 500V 46A 0.100 Ohm
|
Advanced Power Technology, Ltd.
|
APT6017B2FLL APT6017LFLL |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. 电源MOS 7TM是一个低损耗,高电压,N沟道增强型功率MOSFET的新一代 Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS. POWER MOS 7 600V 35A 0.017 Ohm
|
Advanced Power Technology, Ltd.
|