PART |
Description |
Maker |
SR2035CT |
(SR2020CT - SR2060CT) 20.0 Amp Schottky Barrier Rectifiers
|
Goodwork Semiconductor
|
SR2050CT |
(SR2020CT - SR2060CT) Dual Schottky Rectifiers
|
Galaxy Semiconductor
|
X9271TV14-2.7T1 |
Single Digitally-Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
|
Intersil, Corp.
|
ICL7665S06 ICL7665SAIBAZA ICL7665SAIPAZ ICL7665SIB |
CMOS Micropower Over/Under Voltage Detector; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation]
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
EDI8G32512C17MMC EDI8F32512C17MMC EDI8F32512C17MZC |
200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块 Ultra-High Current Pin Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
TE Connectivity, Ltd.
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
ZL2005PALPFT ZL2005PALPFT1 |
Digital-DC™ Controller with Drivers and POLA/DOSA Trim Description; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC36
|
Intersil, Corp.
|
ISL29023IROZ-EVALZ ISL29023IROZ-T7 ISL29023 |
Integrated Digital Ambient Light Sensor with Interrupt Function; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
ISL97650BIRTZ-TK |
4-Channel Integrated LCD Supply; Temperature Range: -25°C to 85°C; Package: 36-TQFN T&R
|
INTERSIL CORP
|