PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
CP0402A2442ELTR CP0402A0897ANTR CP0402A0947CLTR 2A |
2400 MHz - 2484 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 880 MHz - 915 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 935 MHz - 960 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.4 dB INSERTION LOSS-MAX 1429 MHz - 1453 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 869 MHz - 894 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX
|
AVX CORP
|
CBG-20A-500 |
10 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX WIDEBAND DIRECTIONAL COUPLER
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
JDC-10-2 |
Directional Coupler 50Ω 5 to 750 MHz Directional Coupler 50惟 5 to 750 MHz Directional Coupler 50ヘ 5 to 750 MHz
|
Mini-Circuits
|
LRDC-10-2-75 |
Directional Coupler 75楼? 30 to 1000 MHz Directional Coupler 75惟 30 to 1000 MHz Directional Coupler 75Ω 30 to 1000 MHz
|
Mini-Circuits
|
ADC-12-7550 |
Directional Coupler 50/75Ω 5 to 1000 MHz Directional Coupler 50/75惟 5 to 1000 MHz Directional Coupler 50/75ヘ 5 to 1000 MHz
|
Mini-Circuits
|
ADC-15-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-20-4-75R |
Directional Coupler 75楼? 40 to 1000 MHz Directional Coupler 75惟 40 to 1000 MHz Directional Coupler 75Ω 40 to 1000 MHz
|
Mini-Circuits
|
ADC-20-12 |
Directional Coupler 50楼? 100 to 1200 MHz Directional Coupler 50惟 100 to 1200 MHz Directional Coupler 50Ω 100 to 1200 MHz
|
Mini-Circuits
|
LDC30B190J0950 LDC30B190J1960 LDC20B200H0888 |
940 MHz - 960 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 1930 MHz - 1990 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX 872 MHz - 905 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX
|
MURATA MANUFACTURING CO LTD
|