PART |
Description |
Maker |
BD54123F-E2 |
EARTH LEAKAGE CURRENT DETECTOR IC
|
Rohm
|
M54123L |
EARTH LEAKAGE CURRENT DETECTOR
|
UTC[Unisonic Technologies]
|
GL7101 |
EARTH LEAKAGE CURRENT DETECTOR
|
HYNIX[Hynix Semiconductor]
|
M54128 M54128FP M54128L |
EARTH LEAKAGE CURRENT DETECTOR
|
Mitsubishi Electric Corporation
|
M54124L |
From old datasheet system EARTH LEAKAGE CURRENT DETECTOR
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
IL7101 |
Ground Fault Interrupters / Earth Leakage Current Detector
|
IK Semiconductor
|
1337668-2 1337668-3 1337668-1 |
EARTH LEAD 2.26MM 150MM EARTH LEAD 2.26MM 200MM 地球.26MM 200毫米 EARTH LEAD 2.26MM 100MM 地球.26MM 100万亿
|
TE Connectivity, Ltd.
|
1N4560B 1N4559B 1N2804B 1N4561B JANTX1N2837 JANTX1 |
Zener Voltage Regulator Diode 50 Watt Zener Diodes CAP 15PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 9.1PF 50V /-0.25PF NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR CAP 10PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 10PF 25V 20% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 100V 5% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 50V 5% NP0(C0G) SMD-0805 TR-13-PL SN-NIBAR Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-MSOP-PowerPAD 0 to 70 16-Bit Dual-Supply Bus Transceiver w/ Config. Xlation and 3-State Outputs 48-TVSOP -40 to 85 Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:0.018uF; Capacitance Tolerance: 20%; Voltage Rating:100VDC; Capacitor Dielectric Material:Multilayer Ceramic; Termination:SMD RoHS Compliant: Yes Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 14 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-3 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 16 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD CAP 9.1PF 50V 1% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR 43 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 9.1 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 56 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 56 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD 1A,200V,STD,SILASTIC,RECT 7.5 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 160 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 110 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 110 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 120 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 110 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 100 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 100 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 4.7 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Single Wide-Bandwidth High-Output Drive Single-Supply Op Amp With Shutdown 8-SOIC 0 to 70 6.8 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 47 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 47 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 91 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 47 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 180 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 180 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 15 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 20 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 11 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 105 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 11 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.9 V, 50 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-204AD Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode
|
MICROSEMI[Microsemi Corporation] 齐纳二极 Microsemi, Corp. MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE
|
JANS1N4102UR-1 JANS1N4106 1N4113CUR-1 1N4113D 1N41 |
Zener Voltage Regulator Diode SILICON 400mA LOW NOISE ZENER DIODES STZ 4-MSTBC-5,08 V0 GN Dual unbuffered inverter MC 0.5/ 8-G-2.5 Pulse-Width-Modulation (PWM) Control Circuit 16-SOIC -40 to 85 Mini AC/DC Clamp Meter RoHS Compliant: NA Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes MKDSN 2,5/ 5 BD:1-5 CAP 2200PF 16V 10% NP0(C0G) SMD-0603 TR-7-PA SN-NIBAR Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Benchtop Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-3/4; Approval Categories:Meets IEC61010 1, CAT III 600V, Class 2; Calibrated:No; Capacitance Measuring Range:4 nF - 40 mF; Current Measuring Range:20A RoHS Compliant: NA BK Precision Clamp-On Multimeters, AC Current: 1000 A, DC Current: 1000 A, AC Voltage: 750 V, DC Voltage: 1000 V, Resistance: 40 MegOhm, Count Resolution: 4000, Auto Off: 30 min Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 8.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 MCV 0.5/10-G-2.5 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 91 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA SPC 16/ 9-ST-10,16 30 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 15 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 18 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 68 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 17 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 17 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 82 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 47 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 11 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 87 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 CAT6 SOL PC GRE PLE 30FT PLENUM SOLID PATCH CORD 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 15 V, 0.4 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-7 FRONT-MC 1,5/ 4-STF-3,81-BK 16 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 68 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 16 V, 0.4 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-7 Pulse-Width-Modulation (PWM) Control Circuit 16-PDIP -40 to 85 Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
|
MICROSEMI[Microsemi Corporation] 齐纳二极 Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE
|
DTRF-SERIES DTRF-020LL DTRF-020NL DTRF-030LL DTRF- |
Low leakage current three phase filter for regenerative converters Low Leakage Current Three Phase Filter for Industrial Applications
|
PREMO CORPORATION S.L
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
|