PART |
Description |
Maker |
Q62703-Q3656 Q62703-Q3658 Q62703-Q3659 LSC876 LSC8 |
Hyper Mini SIDELED Hyper-Bright LED 超迷你SIDELED超高亮LED
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LYC876-PO |
Hyper Mini SIDELED Hyper-Bright LED
|
Siemens Semiconductor G...
|
LAY876-P1Q1-1 LAY876-Q1R2-1 LOY876-Q2S1-24 LYY876- |
SINGLE COLOR LED, YELLOW, 1.7 mm Micro SIDELED, super-red, colorless c... Micro SIDELED, yellow, colorless clear Micro SIDELED, orange, colorless clear Micro SIDELED, amber, colorless clear
|
Motorola Mobility Holdings, Inc. Infineon
|
LA5416 |
Hyper 5 mm (T13/4) LED/Non Diffused Hyper-Bright LE 毫米T13 / 4)的LED /非扩散超光亮
|
Global Mixed-mode Technology, Inc.
|
MIC2165 |
Adaptive On-Time DC-DC Controller Featuring Hyper Light Load Hyper Speed Control Family
|
Micrel Semiconductor
|
LYP476-R2T1-26 LYP476-Q2S1-26 LOP476 LOP476-R2T1-2 |
Hyper PointLED Hyper-Bright LED
|
OSRAM GmbH
|
Q62703-Q3278 Q62703-Q3284 LST776 LST776-NR LST776- |
SCR PHASE CONTROL 1200V 16A TO64 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Temperature Max:105 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:14; No. Strands x Strand Size:42 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 2.4 mm Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper TOPLED RG Hyper-Bright LED 超TOPLED的RG超高亮LED Hyper TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
SDR950M SDR950Z |
(SDR950M - SDR952M) Hyper Fast Rectifier (SDR950Z - SDR952Z) Hyper Fast Rectifier
|
SSDI
|
LW3333 LW3333-S2T2-1 LW3333-T2V1-1 |
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
|
OSRAM GmbH Osram Opto Semiconductors GmbH
|
LA3336-T |
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
|
OSRAM GmbH
|