PART |
Description |
Maker |
LC87F7932B |
32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F5N62B ENA1035 |
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F5864B |
FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F5864C |
FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC875G08A LC875G16A LC875G24A LC875G32A |
ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F2832A |
CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F7J32A |
FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
AT45DCB008 AT45DCB002 AT45DCB004 |
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards 32M X 1 FLASH 2.7V PROM CARD, XMA7 8M byte, 4MB byte, 2M byte, 2.7-Volt Only, Serial Interface DataFlash Cards From old datasheet system 8M byte, 4M byte, 2M byte, 2.7-Volt Only, Serial Interface DataFlash Cards
|
Atmel, Corp. Atmel Corp.
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
ENA1028A |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F83C8AU LC87F8396AU LC87F8364AU |
FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
|
Sanyo Semicon Device
|
|