PART |
Description |
Maker |
PXT2222A |
High current (max. 600 mA)
|
TY Semiconductor Co., Ltd
|
BF820 BF822 |
Low current (max. 50 mA) High voltage (max. 300 V).Collector current IC 50 mA
|
TY Semiconductor Co., Ltd
|
2PD602AS 2PD602AQ 2PD602AR |
High current (max. 500 mA) Low voltage (max. 50 V).
|
TY Semiconductor Co., Ltd
|
HER406G HER406 |
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER (VOLTAGE 600 Volts CURRENT 4.0 Ampere) 4 A, 600 V, SILICON, RECTIFIER DIODE, DO-201AD
|
RECTRON LTD RECTRON[Rectron Semiconductor]
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
CLY32-00 CLY32-05 CLY32-10 CLY32 |
Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 伊雷尔C波段砷化镓功率场效应 HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 |
8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC
|
Hitachi,Ltd. Sanyo Denki Co., Ltd. ZF Electronics, Corp.
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
BZY91C9V1R BZY91 BZY91C10 BZY91C10R BZY91C11 BZY91 |
Standard Recovery Rectifier; Forward Current:150A; Forward Current Avg Rectified, IF(AV):150A; Forward Surge Current Max, Ifsm:3000A; Package/Case:DO-8 (Reverse); Repetitive Reverse Voltage Max, Vrrm:1400V; Current, It av:150A RoHS Compliant: Yes Zeners/Studs 齐纳基准螺栓
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
74AHCT259D 74AHC259D 74AHC259PW 74AHCT259PW HCT259 |
Zener Diode; Zener Voltage Typ, Vz:2.7V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:DO-35; Breakdown Voltage Max:2.7V; Forward Current:200A; Leakage Current Max:100uA; Mounting Type:Through Hole 8位可寻址锁存 8-bit addressable latch
|
NXP Semiconductors N.V.
|
KST50KST51KST52 |
High current (max. 0.5 A)
|
TY Semiconductor Co., Ltd
|