PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
HL02U05S05 HL02U24S05 HL02U05D12 HL02U15D12 HL02U0 |
10 UH 10% 0.25" RF/MOULD. CHOKE 2瓦特未稳压DC / DC变换 2 WATT UNREGULATED DC/DC CONVERTER 2 Watts Unregulated DC/DC Converter
|
CANDD[C&D Technologies]
|
PDL03-05D05 |
3 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
TEM03-05S05 TEM03-12D12 TEM03-12S05 TEM03-24S05 TE |
3 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
FKC08 |
8 WATTS DC-DC CONVERTER
|
Amtex
|
PFKC03-05D05 |
3 WATTS DC-DC CONVERTER
|
RSG Electronic Componen...
|
RED20-110D12W RED20-110S12W RED20-110S15W RED20-24 |
20 WATTS DC-DC CONVERTER
|
Power Mate Technology C...
|
QEB50-48S3P3 QEB50-48S05 QEB50-48S1P8 QEB50-48S2P5 |
50 WATTS SINGLE OUTPUT DC-DC CONVERTER
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MI-273-MV MI-273-MW MI-273-MX MI-273-MY MI-250-MV |
50-100 WATTS MILITARY COTS DC/DC CONVERTER
|
http:// Powerbox
|
PWR7000 PWR7005 PWR70XX PWR7005A PWR7000C PWR7000A |
5 WATT UNREGULATED DC/DC CONVERTER 5 Watts Regulated DC/DC Converter
|
CANDD[C&D Technologies]
|