PART |
Description |
Maker |
R1288A |
Linear Sensor Photodiode Array: 64x1 Sensor-Elements Organization; 200 Dots-Per-Inch (DPI) Sensor Pitch; High Linearity and Uniformity; Wide Dynamic PHOTOCULTIPLIER TUBE
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
EMC1201-AGZQ-TR EMC1202-AGZQ-TR |
Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface 双单线温度传感器采用SOT23 - 5运用SMSC BudgetBus传感器接
|
SMSC, Corp.
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
MPXS4100A6U MPXS4100A6T1 MPXS4100A |
INTEGRATED PRESSURE SENSOR 集成压力传感 INTEGRATED PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-15.22Psi, 1.8%, 0.30-4.95V, RECTANGULAR, SURFACE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
RTD P0805-43-100R-G P0805-43-100R-D P0805-43-100R- |
Platinum Temperature Sensor RTD TEMP SENSOR-PLATINUM, 100ohm, RECTANGULAR, SURFACE MOUNT Platinum Temperature Sensor 白金温度传感
|
TT Electronics / Welwyn Welwyn Components, Ltd.
|
C9728DK-10 |
Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
|
Hamamatsu Corporation
|
MK03-1C90C-500W09 |
MK Reed Sensor PROXIMITY SENSOR-PHOTOELECTRIC, CYLINDRICAL, PANEL MOUNT
|
MEDER ELECTRONIC AG
|
BC141-6 BC140-6 Q60202-C230-S2 Q60202-C719 Q60203- |
NPN SILICON TRANSISTORS NPN硅三极管 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular
|
TE Connectivity, Ltd. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FZAM18P6460/S14 |
POSITION, LINEAR SENSOR-DIFFUSE, 60-430mm, 200mA, CYLINDRICAL, BOARD MOUNT THROUGH BEAM SENSOR
|
CTS, Corp.
|
ISL29015IROZ-EVALZ ISL29015IROZ-T7 ISL29015 |
Integrated Digital Ambient Light Sensor and Proximity Sensor
|
Intersil Corporation
|