PART |
Description |
Maker |
2PB709ARL_DG 2PB709ARL 2PB709ASL 2PB709ASL/DG 2PB7 |
45 V, 100 mA PNP general-purpose transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC PACKAGE-3
|
NXP Semiconductors N.V.
|
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BC557CG BC557CZL1G BC556B07 |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
BC857 BC858B BC857B BC856 BC856B BC856A BC857C BC8 |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP general purpose transistors
|
NXP Semiconductors N.V.
|
DDTA115GKA-7-F DDTA114GKA-7-F |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
MMST7157T146 MMST7157T147 MMST918ST147 BC858BT117 |
200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
NSS1C200LT1G |
100V 2A Low Vce(sat) PNP SOT-23 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
ON Semiconductor
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
PBLS4002V115 |
40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
|