PART |
Description |
Maker |
BD63715AEFV |
36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
|
Rohm
|
BD63720AEFV |
36VHigh-performance, High-reliability Withstand Voltage Stepping Motor Driver
|
ROHM
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
ATF1508AS ATF1508AS-10AC100 ATF1508AS-10JC84 ATF15 |
High performance EE PLD, 100MHz High Performance E2 PLD High performance EE PLD, 166.7MHz
|
ATMEL[ATMEL Corporation]
|
ADG608 ADG609 ADG609BCHIPS ADG609BR ADG609BRU ADG6 |
4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 3 V/5 V, 4/8 Channel High Performance Analog Multiplexers 3 V/5 V/ 4/8 Channel High Performance Analog Multiplexers LC2MOS ?5V 8-Channel High Performance Analog Multiplexer LC2MOS, ?5 V, 4-Channel High Performance Analog Multiplexer LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer
|
ANALOG DEVICES INC Analog Devices, Inc.
|
TC901CPA TC901 TC901COA |
Dual Auto-Zeroed Operational Amplifiers The TC901 is a monolithic, auto-zeroed operational amplifier. It is a second-generation design of the TC91X CMOS chopper-stabilized op-amps with on-chip capacitors. Eliminationof the external capacitors allows the designer to increase reli
|
http:// MICROCHIP[Microchip Technology]
|
MC1471 MC1471C MC1741CDR2 MC1741CP1 MC1741CD MC174 |
Internally Compensated, High Performance Operational Amplifier From old datasheet system Internally Compensated / High Performance Operational Amplifier Internally Compensated, High Performance Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, PDIP8
|
ONSEMI[ON Semiconductor]
|
SP202E SP202ECN SP202ECP SP202ECT SP202EEN SP202EE |
DUAL LINE TRANSCEIVER, PDIP16 High-Performance RS-232 Line Drivers/Receivers 5V High Performance RS232 Transceivers High Speed, Low Power Quad RS-422 Differential Line Receiver High Speed, 3.3V Quad RS-422 Differential Line Driver
|
EXAR CORP SIPEX[Sipex Corporation]
|
LT1059 LT1059AC LT1059ACJ LT1059ACN LT1059AM LT105 |
HIGH PERFORMANCE SWITCHED CAPACITOR UNIVERSAL FILTER High Performance Swithcd Capacitor Universal Filter From old datasheet system 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70
|
LINER[Linear Technology] Linear Technology Corporation
|
AT75C140 |
AT75C140 Advance Information [Updated . 18 Pages] This Smart Internet Appliance Processor is a high-performance processor specially designed Smart Internet Appliance Processor (SIAP-TM) This Smart Internet Appliance Processor is a high-performance processor specially designed for network-enabling consumer and industrial applications. The specific architecture of this device delivers unmatched performance for low power con
|
ATMEL[ATMEL Corporation]
|