PART |
Description |
Maker |
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
PCR06A-TO-92 PCR06A |
Silicon Planar pnpn Thyristor
|
Jiangsu Changjiang Electronics Technology Co., Ltd JIANGSU[Jiangsu Changjiang Electronics]
|
PCR06A PCR06A-TO-92 |
Silicon Planar pnpn Thyristor 硅平面pnpn晶闸
|
江苏长电科技股份有限公司 Jiangsu Changjiang Electronics Technology Co., Ltd. 姹???跨?绉???′唤??????
|
2N5166 2N4147 2N1600 2N1598 2N893 2N899 |
20 A, 400 V, SCR 0.25 A, 100 V, SCR, TO-52 8 A, 50 V, SCR, TO-64 1.6 A, 300 V, SCR, TO-5 0.25 A, 15 V, SYMMETRICAL GTO SCR, TO-18 0.25 A, 100 V, GATE TURN-OFF SCR, TO-18
|
SEMITRONICS CORP
|
D390CH18E3L2 D390CH18E3L3 D390CH18E3L4 D390CH18E3L |
2426 A, 1800 V, SCR 1125 A, 1200 V, SCR, TO-200AB 1950 A, 800 V, SCR, TO-200AC 5087 A, 1600 V, SCR 5087 A, 1800 V, SCR 2749 A, 1800 V, SCR 2749 A, 800 V, SCR 2110 A, 3000 V, SCR 2749 A, 600 V, SCR 1895 A, 1000 V, SCR, TO-200AC 2268 A, 1200 V, SCR 5260 A, 1200 V, SCR 1690 A, 800 V, SCR, TO-200AC 2749 A, 1600 V, SCR 5260 A, 1600 V, SCR 2749 A, 1000 V, SCR 1765 A, 1200 V, SCR, TO-200AC 1765 A, 1600 V, SCR, TO-200AC 2749 A, 1200 V, SCR 2749 A, 400 V, SCR 1030 A, 800 V, SCR, TO-200AB 1715 A, 600 V, SCR, TO-200AC 3140 A, 600 V, SCR 2600 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
KTX401U |
EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
|
KEC[KEC(Korea Electronics)]
|
KRC104M KRC101 KRC101M KRC102M KRC106M KRC103M KRC |
(KRC101M - KRC106M) EPITAXIAL PLANAR PNP TRANSISTOR EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT) EPITAXIAL PLANAR NPN TRANSISTOR
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
KRC109S KRC107S KRC108 KRC108S KRC107 |
(KRC107S - KRC109S) EPITAXIAL PLANAR PNP TRANSISTOR EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT) EPITAXIAL PLANAR NPN TRANSISTOR
|
KEC[KEC(Korea Electronics)]
|
2SC4616 2SA1773 |
Epitaxial Planar Silicon Transistor High Voltage Driver Applications PNP Epitaxial Planar Silicon Transistors
|
SANYO[Sanyo Semicon Device]
|
DT18F08KDL-A DT18F08KSB-A DT18F08KDB-A DT18F08KEL- |
40 A, 800 V, SCR MODULE-5 100 A, 800 V, SCR 120 A, 1100 V, SCR 120 A, 1200 V, SCR 120 A, 1300 V, SCR 120 A, 1000 V, SCR
|
|
CL066 CL055 CL055B |
6w Quad Channel DC/DC LED Driver with Diagnostics, TQFN NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS SILICON PLANAR EPITAXIAL TRANSISTOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
KRC682T KRC686T KRC681T KRC683T KRC684T KRC685T |
EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, AUDIO MUTING) 外延平面NPN晶体管(切换,音频静音) (KRC681T - KRC686T) EPITAXIAL PLANAR NPN TRANSISTOR Built in Bias Resistor
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
|