PART |
Description |
Maker |
M38510/02006BAB M38510/02006BAA M38510/02002BDB M3 |
CERAMIC CHIP/MIL-PRF-55681 Triple 3-input NAND Gate 3输入与非 Quad 2-input NAND Gate 输入与非 Single 8-input NAND Gate 输入与非 Dual 4-input NAND Gate 输入与非 Triple 3-input NAND Gate 输入与非 Dual 4-input NAND Gate 4输入与非
|
ITT, Corp. Astrodyne, Inc. Ecliptek, Corp. Electronic Theatre Controls, Inc. Bourns, Inc. Newhaven Display International, Inc. Cypress Semiconductor, Corp. Samsung Semiconductor Co., Ltd.
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
NLU1GT32MUTCG NLU1GT32AMX1TCG NLU1GT32CMX1TCG NLU1 |
Single 2 Input OR Gate, TTL Input 1G SERIES, 2-INPUT OR GATE, PDSO6 Single 2-Input OR Gate, TTL Level
|
ON Semiconductor
|
74LVC1G32GF 74LVC1G32GW-G |
Single 2-input OR gate 单两输入或门 LVC/LCX/Z SERIES, 2-INPUT OR GATE, PDSO5
|
NXP Semiconductors N.V.
|
74AHCT08PW 74AHC08D 74AHCT08D 74AHCT08 74AHCT08BQ |
Quad 2-input AND gate Rev. 03 ?14 November 2007 Quad 2-input AND gate; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" AHCT/VHCT/VT SERIES, QUAD 2-INPUT AND GATE, PQCC14 Quad 2-input AND gate 输入与门
|
NXP Semiconductors N.V.
|
74AUC1G32 74AUC1G32GW |
AUC SERIES, 2-INPUT OR GATE, PDSO5 1.8V Single 2-Input OR Gate
|
Philips NXP Semiconductors
|
NLU1G00CMX1TCG NLU1G00 NLU1G00AMX1TCG NLU1G00BMX1T |
Singel 2 Input NAND Gate 1G SERIES, 2-INPUT NAND GATE, DSO6 Single 2-Input NAND Gate
|
ON Semiconductor
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M38257E8F8 M38257M8-140GP M38254M6-125FP M38254M6- |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER IC LOGIC 1G08 SINGLE 2-INPUT POSITIVE-AND GATE -40 85C SOT-23-5 3000/REEL Low-Power Dual 2-Input Positive-AND Gate 8-DSBGA -40 to 85 Low-Power Dual Bus Buffer Gate With 3-State Outputs 8-DSBGA -40 to 85 (M3825xxxx) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Sem... Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MC74HC32A MC74HC32AD MC74HC32ADR2 MC74HC32ADT MC74 |
Quad 2-Input OR Gate HC/UH SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad OR Gate Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
|
ONSEMI[ON Semiconductor]
|
M29W320DT70ZA1E M29W320DT70ZA1F M29W320DB90ZA1F M2 |
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,启动块3V电源快闪记忆 Low-Power Single Two-Input Positive-NAND Gate 5-SOT-23 -40 to 85 Hex Inverter 14-VQFN -40 to 85 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS 96-LFBGA -40 to 85 Low-Power Single Two-Input Positive-NAND Gate 5-SC70 -40 to 85
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
5962-88774012A 5962-88774012X 5962-8877401DX |
2/2-input and 3/3-input AND-NOR Gate Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps 2/2-input/3-input或非
|
TE Connectivity, Ltd.
|