PART |
Description |
Maker |
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
9741666643 9741686025 9741681004 |
Supports Standard 2.5 Hard Disk Drive Supports SATA Interface Hard Disk (Without DVD Driver) Provides 10°C~20°C Extra Cooling For Any AEC-6811/ 6821/6831/ 6841 BOXER Series System
|
AAEON Technology
|
DSB310 |
Supports AMD G-Series APU T40E 1.0 GHz dual core onboard
|
Axiomtek Co., Ltd.
|
PM3604-10-RC PM3602-33-B PM3602-100-RC PM3602-150- |
Power Inductor; Series:PM3600; Inductance:100uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.58, Series 0.29A; DC Resistance Max, Parallel:0.4ohm; DC Resistance Max, Series:1.6ohm Power Inductor; Series:PM3600; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:Parallel 111, Series 444A; DC Resistance Max, Parallel:0.6ohm; DC Resistance Max, Series:2.4ohm
|
Bourns Inc.
|
561-LSP375 561-LSP1000 561-LSP1375 561-LSP500 561- |
PCB Support - LSP Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
PM3604-50 PM3602-33 PM3604-10 |
Inductor; Series:PM3600; Inductance:50uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 1.28, Series 0.64A; DC Resistance Max, Parallel:0.12ohm 2 ELEMENT, 50 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:33uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.98, Series 0.49A; DC Resistance Max, Parallel:0.14ohm 2 ELEMENT, 33 uH, COMMON MODE CHOKE, SMD Inductor; Series:PM3600; Inductance:10uH; Inductance Tolerance: /- 20 %; Package/Case:SMT; Terminal Type:PCB Surface Mount; Current Rating:Parallel 2.70, Series 1.35A; DC Resistance Max, Parallel:0.028ohm 2 ELEMENT, 10 uH, COMMON MODE CHOKE, SMD
|
Bourns, Inc. BOURNS INC
|
09-52-1036 09-52-1021 09-52-1030 09-52-1041 09-52- |
KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
|
Molex Electronics Ltd.
|
HT-150D HT-150NB HT-150TW5 HT-150NG5 HT-150SD HT-1 |
HT-150 Series Top View LED(PCB type)
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
T90S1D42-12 T90S1D12-24 |
Power PC Board Relays T90 Series, 30A PCB Relay
|
Tyco Electronics
|
5T40240M-10NR |
BUCHSE CENTRONICS PCB GERADE 24POL 5T Series Ribbon Connector
|
Engineering Design Automation, Inc.
|