PART |
Description |
Maker |
MAX244CQH-D MAX248CQH-D MAX248EQH-D MAX248EQH-TD M |
5V-Powered, Multichannel RS-232 Drivers/Receivers
|
MAXIM - Dallas Semiconductor
|
MAX232MLP MAX243 MAX232AC MAX232CWE MAX222C MAX232 |
5V-POWERED, MULTICHANNEL RS-232 DRIVERS/RECEIVERS
|
MAXIM[Maxim Integrated Products]
|
UT3232 |
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
|
UNISONIC TECHNOLOGIES
|
MAX233 MAX220 |
(MAX220 - MAX249) 5V-Powered / Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products
|
MAX244C/D MAX234C/D MAX232AC/D MAX245C/D MAX236C/D |
5V-Powered, Multichannel RS-232 Drivers/Receivers 5V-Powered, Multichannel RS-232 Drivers/Receivers
|
Maxim Integrated Products http:// Maxim Integrated Produc...
|
J-26 J-63 J-62 J-21 J-64 J-13 J-16 J-41 226-R 616- |
Dual Mode™ 5V Programmable Micropower Voltage Regulators 5V, RS-232 Transceivers with 0.1µF External Capacitors 450MHz CDMA/OFDM LNA/Mixer 5V-Powered, Multichannel RS-232 Drivers/Receivers Direct-Conversion Tuner ICs for Digital DBS Applications 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Fuse 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容
|
Dialight PLC Exar, Corp.
|
262.75 268.01 268.6 268.75 268.8 268.2 268.25 268. |
900MHz Image-Reject Receivers with Transmit Mixer 保险 WCDMA Quasi-Direct Modulators with VGA and PA Driver 保险 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for MAX2410 Power Drivers for Peltier TEC Modules W-CDMA/W-TDD/TD-SCDMA Zero-IF Receivers 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection Evaluation Kit for the MAX19692 Evaluation Kit for the MAX2406 Low-Cost Downconverter with Low-Noise Amplifier ±15kV ESD-Protected, 5V RS-232 Transceivers 5V-Powered, Multichannel RS-232 Drivers/Receivers Low-Cost RF Up/Downconverter with LNA and PA Driver Fuse
|
TE Connectivity, Ltd.
|
265379 265375 265376 265378 65687 65686 236918 |
Evaluation Kit for the MAX2240 Evaluation Kit for the MAX2232, MAX2233 MAX2235 Evaluation Kit 5V-Powered, Multichannel RS-232 Drivers/Receivers PADLOCK EYES INSIDE MOUNT Inhalt pro Packung: 2 Stk. PADLOCK EYES PAIRS SURFACE MOUNT Inhalt pro Packung: 6 Stk. 锁双眼睛表面贴装Inhalt亲Packung沙头角 HEAVY DUTY STEEL LOCKOUT 重型钢锁 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容
|
Brady, Corp. Exar, Corp.
|
ST3243CD ST3243CDR ST3243CPR ST3243CTR ST3243C ST3 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors CABLE ASSEMBLY; SMA MALE TO SMA MALE; 50 OHM, RG58C/U COAX Stratix FPGA 25K FBGA-1020 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
3310-232.5 |
KR Electronics part number 3310-232.5 is a 232.5 MHz Band-pass filter
|
KR Electronics, Inc.
|
LDM422-S LDM422-SE LDM422-ST LDM422-PE LDM422-PT |
Fully Isolated Limited Distance Modem, RS-232/422 Converter 完全隔离的距离有限的调制解调器,RS-232/422转换
|
Electronic Theatre Controls, Inc.
|
232CL9R0900 232CL9R |
9 Pin RS-232 to Current Loop Converter 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|