PART |
Description |
Maker |
TC6H207 TC6H286 TC6H287 TC6H138 TC6H607 |
Low ESR Tantalum Modules
|
AVX
|
591D156X016B215H 591D156X016D215H 591D156X020C215H |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT庐, Low Profile, Low ESR, Conformal Coated, Maximum CV Solid Tantalum Chip Capacitors TANTAMOUNT?, Low Profile, Low ESR, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
T494B476K006AT |
Tantalum, MnO2 Tantalum, T494, 47 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Low ESR, 500 mOhms, 2.1mm
|
Kemet Corporation
|
T495D226K025ATE200 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
TPME226XXXXXXXXX TPME107XXXXXXXXX TPME228XXXXXXXXX |
Tantalum Ultra Low ESR Capacitor
|
AVX Corporation
|
TPME108M035S0018 TPME108K035S0018 TPME476K035H0055 |
Tantalum Ultra Low ESR Capacitor
|
AVX Corporation
|
EKT |
Chip Tantalum Capacitor Low ESR. SMD
|
Kingtronics International Company
|
T495C476K016ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495D226K035ATE300 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|