PART |
Description |
Maker |
2SK2713 |
3M 18 PIECE QUICK CONNECT SET, INCLUDES: TWO YELLOW QUICK CONNECTS FOR 12-10 AWG WIRE, TWELVE BLUE QUICK CONNECTS FOR 18-14 AWG WIRE, AND FOUR RED QUICK CONNECTS FOR 22-16 AWG WIRE, FEATURES: FLAME RETARDANT, SIMPLE TO USE, VERSATILE Switching (450V, 5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
AT78C5010NBSP AT78C5010 |
SERIAL ATA HOST/DEVICE BRIDGE The AT78C5010 ATA/Serial ATA Controller device bridges the conventional Parallel ATA devices with Serial ATA Transceiver (PHY) devices, ...
|
http:// ATMEL Corporation
|
HI-8788PQIF |
ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out 1 CHANNEL(S), SERIAL COMM CONTROLLER, PQFP32
|
Holt Integrated Circuits, Inc.
|
AT78C5009 |
Serial ATA Host Bridge The AT78C5009 SATA Controller bridges the conventional Parallel ATA devices with Serial ATA PHY transceivers.
|
http:// Atmel
|
EPCS1SI8 EPCS4SI8 |
(EPCS1SI8 / EPCS4SI8) Serial Configuration Devices
|
Altera
|
DRL-DPS-SRM 1120260013 SD-112026-0013 |
Connect Profibus to Modbus Serial devices
|
Molex Electronics Ltd.
|
EP1AGX35CF1152I6N EP1AGX35DF1152C6N |
The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology FPGA, 33520 CLBS, PBGA1152 35 X 35 MM, 1 MM PITCH, BGA-1152
|
Altera Corporation Altera, Corp.
|
EP1AGX20EF484C6N EP1AGX20EF484I6N EP1AGX20CF1152C6 |
Section I. Arria GX Device Data Sheet The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers Section I. Arria GX Device Data Sheet
|
Altera Corporation
|
SCDV5543 SCDV5541 SCDV5540 |
Vertical Format 0.123" 4-Character 5x5 Dot Matrix Serial Input Dot Addressable Intelligent Display " Devices From old datasheet system
|
Infineon
|
RKEF090 RKEF300 RKEF250 BBRF550 BBRF5501 RKEF500 R |
PolySwitch Resettable Devices Radial-leaded Devices Overcurrent Protection Device
|
Tyco Electronics http://
|
NZG5-20K |
Legacy 100 Hz to 20 kHz
|
Micronetics, Inc.
|
NZG25-1M |
Legacy 100 Hz to 1 MHz
|
Micronetics, Inc.
|