PART |
Description |
Maker |
5B42-02 5B42 5B42-01 5B42-15 |
Isolated Current Input with loop power Signal Conditioning Module ISOLATED, PROCESS CURRENT INPUT
|
AD[Analog Devices]
|
SCM7B32 SCM7B33 |
Isolated Process Current/Voltage Input Modules
|
Dataforth
|
RSO-0505D_H3 RSO-0512_H3 RSO-483.3D_H3 RSO-0505_H2 |
CONN, HEADER, 4PIN, SGL ROW, 0.138"LS, RTANGL, PCB MNT 1瓦特SIP8隔离 1 Watt SIP8 Isolated Single & Dual Output 1瓦特SIP8隔离 M26500 CON SKT 16 GOLD PLATED 1瓦特SIP8隔离 Cartridge Fuse; Current Rating:800A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Terminals:Blade; Interrupting Current Max:300000Arms; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:600V RoHS Compliant: Yes PT 2C 2#16 PIN PLUG 1 Watt SIP8 Isolated Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MAX8540-MAX8541 MAX8541EEE MAX8540 MAX8540EEE MAX8 |
Synchronizable / High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies From old datasheet system Synchronizable. High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies 可同步,高频率,电流和电压模式PWM控制器的隔离电源 Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
MY88 |
; Current Rating:18A; Leaded Process Compatible:Yes
|
Tyco Electronics
|
2B23 |
Isolated Voltage-to-Current Converter
|
ETC
|
2SA1434 |
Adoption of FBET process. High DC current gain (hFE=500 to 1200).
|
TY Semiconductor Co., L...
|
STK12C68-IM STK12C68-L45IM STK12C68-L35IM STK12C68 |
NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:3.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board Surface Mount; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:3A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes FUSE 5A LITTLEFUSE 154005 CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
|
N.A. ETC[ETC] List of Unclassifed Manufacturers
|