PART |
Description |
Maker |
PHT |
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
|
Vishay Siliconix
|
AD8622ARZ AD8624ARUZ |
Dual, Low Power, Low Noise, Low Bias Current, Precision Rail-to-Rail Output Op Amp; Package: 8-pin; Temperature Range: -40°C to 125°C DUAL OP-AMP, 230 uV OFFSET-MAX, 0.58 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 230 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
A3187ELT A3187EUA A3187LLT A3187LT UGN3175SUA A318 |
HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION 霍尔效应锁存器的高温作业 SENSOR IC 5CH 5V 5MA SGL 28-SSOP Hall-Effect Latch For High-Temperature Operation(工作于高温的霍尔效应锁存 Hall-effect latche for high-temperature operation
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
A3195EU A3195LLT 3195 A3195LU A3195 A3195ELT |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN 保护,高温,霍尔效应锁存主动下拉 SENSOR IC CAC ANALOG OUT 8-DIP PROTECTED. HIGH-TEMPERATURE. HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN Protected,High-Temperature,Oper-Collector Hall-Effect Latch(保护型,工作于高温,霍尔效应锁存器( PROTECTED/ HIGH-TEMPERATURE/ HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN PROTECTED HIGH-TEMPERATURE HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
W0603HT-01-100R-G W0603HT-01-100R-J W1206HT-01-100 |
High Temperature TaNFilm㈢ Chip Resistors High Temperature TaNFilm垄莽 Chip Resistors High Temperature TaNFilm? Chip Resistors High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.1 W, 1 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0805 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.0625 W, 5 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0603 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.125 W, 2 %, 100 ppm, 100 ohm, SURFACE MOUNT, 1206
|
Welwyn Components Limited TT Electronics / Welwyn Welwyn Components, Ltd. Welwyn Components Limit...
|
C1206C105K3NACTU |
Ceramic, 150C-(CxxxxC), 1 uF, 10%, 25 V, 1206, X8L, SMD, MLCC, High Temperature, Temperature Stable
|
Kemet Corporation
|
LTC1759 LTC1759CGPBF LTC1759CGTR LTC1759CGTRPBF |
Smart Battery Charger; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 0.2 A BATTERY CHARGE CONTROLLER, 230 kHz SWITCHING FREQ-MAX, PDSO36 6A Smart Battery Charger with SMBus
|
Linear Technology, Corp.
|
3141 A3143 UGN3120ELT UGN3120EUA UGN3120LLT UGN312 |
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION 敏感的霍尔效应开关高温作 IC SENSOR 1 CHAN QTOUCH SOT23-6 (UGN3141 - UGN3144) SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Sensitive Hall-Effect Switches, High-Temperature
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems] http://
|
MPXV6115VC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system
|
Motorola
|
EF6805R2PTD EF6805R2PVD EF6805R3PVD |
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 8位微控制
|
KEMET Corporation
|
|