PART |
Description |
Maker |
ISL83239E |
RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown Disables Transmitters/Receivers
|
Intersil
|
CM1400-03 CM1400-03CP CM1400-03CS |
6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge) in Chip Scale Package ...
|
California Micro Devices Corp
|
CSPEMI306AG CSPEMI306A |
6 Channel EMI Filter Array with ESD Protection 6通道EMI滤波器与ESD保护阵列 6 Channel EMI Filter (30dB @ 900MHz) with ESD Protection @ ±15KV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
DS1000D5S |
DIESEL GENERATOR SET AIR CHARGE-AIR COOLING
|
MTU Onsite Energy Corporation
|
AIAC-4125C-R538 AIAC-1512 AIAC-1512C AIAC-1512C-12 |
1 ELEMENT, 0.056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.307 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.38 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.028 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.022 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.13 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.09 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD SURFACE-MOUNT AIR COIL 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
ABRACON[Abracon Corporation]
|
B57500M0103A005 |
Air sensor for air conditioning
|
EPCOS
|
2508-18N-L 2508-23N-L 1508-13N-L 2508-27N-L 1508-9 |
Low Profile Mini Spring垄芒 Inductors Low Profile Mini Spring Inductors RF inductor, air core, 5% tol, SMT, RoHS 1 ELEMENT, 0.018 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD RF inductor, air core, 2% tol, SMT, RoHS 1 ELEMENT, 0.023 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft lnc. Coilcraft, Inc.
|
LEA50F-12 LEA50F-18 |
Harmonic attenuator, PFC (Complies with IEC61000-3-2)
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
MAX3453E MAX3453EETE MAX3453EEUD MAX3454EETE MAX34 |
Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
0908SQ-25NGSC 0908SQ-25NGSD 0908SQ-8N1GSB 0908SQ-8 |
1 ELEMENT, 0.025 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0081 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0215 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.023 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.0147 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc.
|
|