PART |
Description |
Maker |
AD85520001RR |
Worlds Most Accurate Dual-Channel Amplifier at 3 V-5 V
|
Analog Devices
|
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TMP06BKS-500RL7 TMP05BKS-500RL7 TMP05ART-REEL7 TMP |
±0.5°C Accurate PWM Temperature Sensor in 5-Lead SC-70 TV 22C 22#22D PIN PLUG 0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 1Cel, RECTANGULAR, SURFACE MOUNT TV 22C 22#22D SKT PLUG DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2Cel, RECTANGULAR, SURFACE MOUNT .5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 .5ΣC高精度PWM温度传感器在5引脚SC - 70 ??.5?? Accurate PWM Temperature Sensor in 5-Lead SC-70
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1998IS6-PBF LTC1998CS6 LTC1998CS6-PBF LTC1998CS |
2.5μA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5楼矛A, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring 2.5レA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring
|
Linear Technology
|
AD1154 AD1154AD AD1154BD |
ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% 低成本,16位精确的采样保持放大 Low Cost/ 16-Bit Accurate Sample-and-Hold Amplifier Low Cost, 16-Bit Accurate Sample-and-Hold Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
24LC04B-/SN 24LC04B-I/SL 24LC04B-I/SM 24LC04B-/SM |
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal 6-/8-/12-Port DS3/E3/STS-1 LIU Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs I2C Serial EEPROM I2C串行EEPROM Extremely Accurate I<sup>2</sup>C-Integrated RTC/TCXO/Crystal I2C串行EEPROM
|
Microchip Technology, Inc. Techspray
|
AQ201GY-N3-12-TRL AQ201GY-N3-12-BUL AQ201GY-M3-12- |
3oC Accurate with Hysteresis 115oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 115ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
MAX1458AAE MAX1458CAE MAX1458C_D MAX1458 1868 |
From old datasheet system 1%-Accurate Digitally Trimmed Sensor Signal Conditioner 1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
|
Maixm MAXIM[Maxim Integrated Products]
|
ADM12914-2ARQZ-RL7 ADM12914-1ARQZ |
±0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor; Package: 16-QSOP (150mil); Temperature Range: -40°C to 125°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
LTC1063 LTC1063CJ8 LTC1063CN8 LTC1063CS LTC1063MJ8 |
From old datasheet system DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter DC Accurate/ Clock-Tunable 5th Order Butterworth Lowpass Filter
|
Linear Technology Corporation LINER[Linear Technology]
|