PART |
Description |
Maker |
MAX6505 MAXIM MAX6506 MAX6507 MAX6508 MAX6505UTP01 |
Trip temperature -10, 30 mA, dual trip SOT temperature switch Trip point 35, 30 mA, dual trip SOT temperature switch Trip point 20, 30 mA, dual trip SOT temperature switch Trip temperature 85, 30 mA, dual trip SOT temperature switch Trip temperature 90, 30 mA, dual trip SOT temperature switch Trip temperature 65, 30 mA, dual trip SOT temperature switch Trip temperature 45, 30 mA, dual trip SOT temperature switch Trip temperature 15, 30 mA, dual trip SOT temperature switch Trip point -15, 30 mA, dual trip SOT temperature switch Trip point -35, 30 mA, dual trip SOT temperature switch Trip point -10, 30 mA, dual trip SOT temperature switch Trip point -5, 30 mA, dual trip SOT temperature switch Trip point 0, 30 mA, dual trip SOT temperature switch Trip temperature 95, 30 mA, dual trip SOT temperature switch Trip temperature 110, 30 mA, dual trip SOT temperature switch Trip temperature -20, 30 mA, dual trip SOT temperature switch Trip temperature 75, 30 mA, dual trip SOT temperature switch Trip point 70, 30 mA, dual trip SOT temperature switch Trip point 10, 30 mA, dual trip SOT temperature switch Dual Trip SOT Temperature Switches Trip point 5, 30 mA, dual trip SOT temperature switch Trip point 75, 30 mA, dual trip SOT temperature switch Trip temperature -25, 30 mA, dual trip SOT temperature switch Trip temperature -15, 30 mA, dual trip SOT temperature switch Trip point -30, 30 mA, dual trip SOT temperature switch Trip temperature 35, 30 mA, dual trip SOT temperature switch Trip temperature 55, 30 mA, dual trip SOT temperature switch Trip temperature 70, 30 mA, dual trip SOT temperature switch Trip temperature 40, 30 mA, dual trip SOT temperature switch Trip temperature 105, 30 mA, dual trip SOT temperature switch Trip point 25, 30 mA, dual trip SOT temperature switch Trip point 45, 30 mA, dual trip SOT temperature switch
|
MAX6508 MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
TC620 |
5V, DUAL TRIP POINT TEMPERATURE SENSORS
|
TelCom Semiconductor, Inc
|
NCT22-D |
Low Cost Single Trip Point Temperature Sensor
|
ON Semiconductor
|
MAX6512UT-T MAX6513UT-T MAX6512 MAX6511UT-T MAX651 |
Temperature trip threshold 55, 3.0V to 5.5V, low-cost, remote SOT temperature switch Low-Cost Remote SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches Temperature trip threshold 95, 3.0V to 5.5V, low-cost, remote SOT temperature switch
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6518UKP095T MAX6518UKP095-T MAX6519UKP095T |
Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6507UT MAX6505UT MAX6505UTP070T MAX6506UTP070T |
Dual Trip SOT Temperature Switches No External Components Required SPECIALTY ANALOG CIRCUIT, PDSO6
|
Maxim Integrated Products MAXIM INTEGRATED PRODUCTS INC
|
MAX6657 MAX6657-MAX6659 MAX6657MSA MAX6658 MAX6658 |
1C / SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 【1∑C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 1C SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 1C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX6661AEE MAX6661 |
Remote Temperature-Controlled Fan-Speed Regulator with SPI-Compatible Interface 远端温控的风扇转速调节器,带有SPI兼容接口 Remote Temperature-Controlled Fan-Speed
Regulator with SPI-Compatible Interface
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
|