PART |
Description |
Maker |
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
MB84VA2103-10 MB84VA2102 MB84VA2102-10 MB84VA2103 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
MB84VA2007-10 MB84VA20 MB84VA2006 MB84VA2006-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8/x 16) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
MB84VA2005-10 MB84VA20 MB84VA2004 MB84VA2004-10 MB |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
UT6716470-WCA UT6716470-WCC UT6716455-WCC UT671645 |
8K X 8 STANDARD SRAM, 55 ns, CDFP28 8K X 8 STANDARD SRAM, 55 ns, CDIP28 32 Mb (2M x 16, 4M x 8) MirrorBit, Flash Memory 静态存储器| 8KX8 |的CMOS | RAD数据通信硬|计划生育| 28脚|陶瓷 4 Mb (512K x 8, 256K x 16) Boot Sector, Flash Memory 64 Mb (4M x 16) Boot Sector, Flash Memory SRAM|8KX8|CMOS| RAD HARD|FP|28PIN|CERAMIC
|
Maxim Integrated Products, Inc.
|
S71PL129JC0_06 S71PL129JA0 S71PL129JB0 S71PL129JC0 |
Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
|
SPANSION[SPANSION]
|
29F002 MX29F002BQI-12 MX29F002NBQI-12 MX29F002TPI- |
DIODE SCHOTTKY 15V 2X20A TO247AD DIODE SCHOTTKY 45V 2X20A TO247AD MOSFET N-CH 500V 14A TO-247AD Low Cost Precision Difet Operational Amplifier 8-SOIC 0 to 70 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 IC MOSFET DRIVER LS 4A DUAL 8DIP 256K X 8 FLASH 5V PROM, 90 ns, PQCC32 MOSFET N-CH 500V 20A TO-247AD 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDSO32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 120 ns, PDIP32 2M-BIT [256K x 8] CMOS FLASH MEMORY 256K X 8 FLASH 5V PROM, 55 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71 TRIMMER, 15 TURN 20K CONN HEADER 12POS DL PCB 30GOLD 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|