PART |
Description |
Maker |
J3011G21DNLT J409 J3026G01DNL J3026G21DNL J0C-0003 |
PulseJack Surface Mount 1x1 RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series PulseJack Surface Mount 1x1
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|
S83C752-5A28 S87C752-5A28 S83C752-6A28 S87C752-6A2 |
SOCKET, XLR, R/A, SHIELDED, 3POLE; Connector type:XLR; Gender:Receptacle; Ways, No. of:3; Termination method:Solder; Mounting type:PC Board; Colour:Satin Nickel; Poles, No. of:3 RoHS Compliant: Yes Jack Socket; Plug Diameter:0.25; Contact Termination:Solder; Leaded Process Compatible:Yes; No. of Contacts:3; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONN DUAL RECP WALLPLT 4POS FMAL SOCKET, XLR, PANEL, SHIELDED, 3POLE; Connector type:XLR; Gender:Receptacle; Ways, No. of:3; Termination method:Solder; Mounting type:PC Board; Colour:Satin Nickel; Poles, No. of:3 RoHS Compliant: Yes 80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
|
NXP Semiconductors N.V. Philips Semiconductors
|
DB-25PV |
D-Subminiature Connector; No. of Contacts:25; D Sub Shell Size:DB25; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER, PLUG
|
Cinch Connectors
|
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
XDMR14C4-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
XDMR14A2 |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
XDMR13A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 23990
|
SunLED Company Limited
|
XDMR10C-A |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 17990
|
SunLED Company Limited
|
XDUG13A |
Material (Color) = Gap (Green) Lens = Peak Wave Length = 565 Iv(ucd) If@10mA Min.= 3000 Iv(ucd) If@10mA Typ.= 10490
|
SunLED Company Limited
|
XDMR09C3 |
Material (Color) = Gaalas (Red) Lens = Peak Wave Length = 660 Iv(ucd) If@10mA Min.= 8000 Iv(ucd) If@10mA Typ.= 11590
|
SunLED Company Limited
|
XDUG07A2 |
Material (Color) = Gap (Green) Lens = Peak Wave Length = 565 Iv(ucd) If@10mA Min.= 1200 Iv(ucd) If@10mA Typ.= 2990
|
SunLED Company Limited
|