PART |
Description |
Maker |
PC3-5-5 PC3-12-3.3 PC3-5-3.3 PC3-5-12 PC1R5-24-5 P |
Single output DC-DC converter 1.5W ~ 6W Single Dual output DC-DC converter 1.5W ~ 25W Single/ Dual output DC-DC converter 1.5W ~ 25W LED Panel Indicator; LED Color:Green; Luminous Intensity:300foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:40mA; Forward Voltage:24V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No OSC 5V 8PIN CMOS Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 MICRO 31 P 30" RBW JACKS 单,双输出DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换1.5W6W Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换.5W6W Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 MICRO 31 PIN 36" RBW
|
LAMBDA[DENSEI-LAMBDA] Struthers-Dunn Advanced Analogic Technologies, Inc. Ecliptek, Corp. NXP Semiconductors N.V. Micrel Semiconductor, Inc. TE Connectivity, Ltd.
|
Z2803R3S Z2803R3S_EM Z2801R5S Z2801R5S_EM Z2802R5S |
Hi-Rel DC-DC Rad-Hard Single Converter in a Z package with 2.5 Vout 28V Input, Single Output LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
|
IRF[International Rectifier]
|
AMR2803R3S AMR2805S AMR2812S AMR2815S AMR2812SEM A |
Hi-Rel DC-DC Rad-Tolerant Single Converter in a AMR package 30W; 28V input; single output; advanced analog radiation tolerant DC/DC converter
|
International Rectifier
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
F1205M_N-1W F2412N-1W F2405N-1W F2424N-1W F1215M_N |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
WRB2403S-1W WRB2405S-1W WRB2412S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Techno...
|
FB0505N-1W FB0509N-1W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
IB2405S-2W IB1505S-2W |
SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|