PART |
Description |
Maker |
FM28V102 |
1Mbit (64Kx16)F-RAM Memory
|
Cypress Semiconductor
|
MB84VA2000-10 MB84VA2001-10 MB84VA2000 |
(MB84VA2000 / MB84VA2001) 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM 8M (X 8) FLASH MEMORY & 2M (X 8) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA48
|
Fujitsu Media Devices Fujitsu, Ltd. Fujitsu Component Limited.
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71 TRIMMER, 15 TURN 20K CONN HEADER 12POS DL PCB 30GOLD 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
EN71NS032A0 EN71NS032A0-9DCWP EN71NS032A0-7DCWP |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
MB84VD21181-85-PBS MB84VD21181-85-PTS MB84VD21191- |
16M ( x 8/ x 16) FLASH MEMORY & 4M ( x 8/ x 16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 16M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
EN71NS128B0-7DCWP EN71NS128B011 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
LH28F160BJHE-BTL70 |
16M-BIT(1Mbit x16/2Mbit x8)Boot Block Flash MEMORY(16M1Mx16/2Mx8)Boot Block 闪速存储器)
|
Sharp Corporation
|
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM Stacked MCP (multi-chip package) flash memory & SRAM 32M(x8/x16) flash memory & 4M(x8/x16) static RAM
|
Fujitsu Microelectronics
|
MF28F008 MF28F008-10 |
8-Mbit (1Mbit x 8) flash memory 8 MBIT (1 MBIT x 8) FLASH MEMORY
|
Intel
|