PART |
Description |
Maker |
1SMA5932BT3 1SMA5934BT3 1SMA5938BT3 1SMA5937BT3 1S |
1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,20V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,24V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,36V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,33V齐纳电压,塑料表贴封装,硅齐纳二极管) 1.5Watt,Plastic Surface Mount Silicon Zener Diode(1.5W,22V齐纳电压,塑料表贴封装,硅齐纳二极管)
|
ON Semiconductor
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
AMSR-787.2Z AMSR-781.5Z AMSR-781.8Z AMSR-7812Z AMS |
Up to 7.5Watt | DC-DC Converter
|
AIMTEC
|
AMSRB-78-NZ AMSRB-783.3-NZ AMSRB-7809-NZ AMSRB-780 |
Up to 7.5Watt | DC-DC Converter
|
AIMTEC
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BZX79C4V3 BZX79C4V7 BZX79C7V5 BZX79C15 |
SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
|
Continental Device India Li... Continental Device Indi...
|
LTC2323-16 |
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321HUFD-16TRPBF |
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2321-16 LTC2321-14 LTC2314-14 LT1818 LTC6652 LT |
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2323-12-15 |
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
|