PART |
Description |
Maker |
TIP41C TIP42B TIP41A TIP42C TIP42A TIP41B ON2987 |
POWER TRANSISTORS COMPLEMENTARY SILICON 6 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB 6 AMPERE POWER TRANSISTORS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2SC3153 2SC3153M |
TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 6A I(C) | TO-247VAR 晶体管|晶体管|叩| 800V的五(巴西)总裁| 6A条一(c)|47VAR POWER TRANSISTORS(6A/800V/100W) POWER TRANSISTORS(6A,800V,100W) POWER TRANSISTORS(6A800V100W)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
BDX53 BDX54C BDX54 BDX53C BDX53A BDX53B BDX54A BDX |
POWER TRANSISTORS(8A.,45-100V,60W) 功率晶体管(8A. ,45 - 100V的,60瓦) POWER TRANSISTORS(8A./45-100V/60W) POWER TRANSISTORS(8A.45-100V60W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
MJE4343 MJF4343 MJE4353 ON2037 |
From old datasheet system 16 AMPERE POWER TRANSISTORS POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor]
|
TIP31C TIP31B TIP31A ON2983 TIP32C TIP32A TIP32B |
3 AMPERE POWER TRANSISTORS From old datasheet system POWER TRANSISTORS COMPLEMENTARY SILICON
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2SA1216 |
POWER TRANSISTORS(17A,180V,200W) 功率晶体管(7A80V,功00W POWER TRANSISTORS(17A/180V/200W) POWER TRANSISTORS(17A180V200W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
2SC2938 |
POWER TRANSISTORS(10A,400V,100W) POWER TRANSISTORS(10A400V100W)
|
MOSPEC[Mospec Semiconductor]
|
BD442 BD439 BD441 4130 BD440 -BD441 -BD442 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TIP49 TIP50 TIP47 TIP48 |
POWER TRANSISTORS(1.0A250-400V40W) POWER TRANSISTORS(1.0A/250-400V/40W) POWER TRANSISTORS(1.0A,250-400V,40W) 功率晶体管(安培,250 -00V,功0W
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|