PART |
Description |
Maker |
BU7233YF-CE2 |
Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
|
Rohm
|
BU7250SG-TR BU7250G BU7253F BU7250G-TR BU7253SF BU |
Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
|
Rohm
|
SST29VE010-120-3I-EH SST29LE010-90-4C-N SST29VE010 |
Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 800; Vio (mV) max: 4; SR (V/µs) typ: 8; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 200; Vio (mV) max: 4; SR (V/µs) typ: 2; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 800; Vio (mV) max: 4; SR (V/µs) typ: 8; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 15; Vio (mV) max: 4; SR (V/µs) typ: 0.125; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: No error against RF noise Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: DIP; Pin count: 8; Remarks: No error against RF noise CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 15; Vio (mV) max: 4; SR (V/µs) typ: 0.125; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 100; Vio (mV) max: 4; SR (V/µs) typ: 1; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 4; SR (V/µs) typ: 0.5; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 200; Vio (mV) max: 4; SR (V/µs) typ: 2; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 400; Vio (mV) max: 4; SR (V/µs) typ: 4; Topr (°C): -40 to 85; Package: MMPAK; Pin count: 8; Remarks: Output full swing High slew rate Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type CMOS Operational Amplifier Output full swing,High slew rate; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 400; Vio (mV) max: 4; SR (V/µs) typ: 4; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing High slew rate CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 4; SR (V/µs) typ: 0.5; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard CMOS Operational Amplifier Output full swing, Standard; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 100; Vio (mV) max: 4; SR (V/µs) typ: 1; Topr (°C): -40 to 85; Package: TSSOP; Pin count: 8; Remarks: Output full swing Standard Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Open drain type Single (Low Consumption) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 5; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Open drain type Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Open drain type Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: MPAK-5V; Remarks: Push-pull type 1 Megabit (128K x 8) Page Mode EEPROM 1兆位128K的8)页模式EEPROM Single (High SR) Operational Amplifier; VDD (V): 1.8 to 5.5; IDD/ch (µA) typ.: 50; Vio (mV) max: 5; Topr (°C): -40 to 85; Package: CMPAK-5V; Remarks: Push-pull type 1兆位28K的8)页模式的EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位28K的8)页模式EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: SOP; Pin count: 8; Remarks: No error against RF noise 1兆位28K的8)页模式EEPROM Logic IC; Function: Quad. Differential Line Receivers with 3-state outputs (EIA RS-422A, 423A); Package: DIP; Remarks: Interface IC 1兆位28K的8)页模式的EEPROM 1 Megabit (128K x 8) Page Mode EEPROM 1兆位128K的8)页模式的EEPROM Bipolar Voltage Comparator; Vio (mV) max: 7; Topr (°C): -40 to 85; Package: DIP; Pin count: 8; Remarks: No error against RF noise
|
Silicon Storage Technology, Inc.
|
NC7SZ38 NC7SZ38L6X NC7SZ38M5X NC7SZ38P5X |
RECTIFIER FAST-RECOVERY SINGLE 3A 50V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMB 3K/REEL-13 LVC/LCX/Z SERIES, 2-INPUT NAND GATE, PDSO5 TinyLogic UHS 2-Input NAND Gate (Open Drain Output) TinyLogic UHS 2-Input NAND Gate (Open Drain Output)
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BU7261SG-TR BU7262F-E2 BU7262FVM-TR BU7262NUX-TR B |
Input/Output Full Swing CMOS Operational Amplifiers
|
Rohm
|
BU7294SF BU7294F-E2 BU7294FV-E2 |
High Speed Input-Output Full Swing Operational Amplifier
|
ROHM
|
LMR982FVM |
Input/Output Full Swing Low Power Operational Amplifiers
|
Rohm
|
BD6541SFVME2 BD6541SFVMTR BD6541SGE2 BD6541SGTR BD |
High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
|
Rohm
|
BU7241YG-C |
Input/Output Full Swing Low Supply Current CMOS Operational Amplifier for Automotive
|
ROHM
|
74LVC1G38 |
2-input NAND gate open drain
|
NXP Semiconductors
|
MC74VHC1G09DFT2 MC74VHC1G09DFT4 MC74VHC1G09DTT1 MC |
2-Input AND Gate with Open Drain Output
|
Leshan Radio Company
|
L74VHC1G09 |
2-Input AND Gate with Open Drain Output
|
Leshan Radio Company
|