PART |
Description |
Maker |
HV238FG-G HV238FG-GM931 |
16-Channel High Voltage Analog Switch With Bleed Resistors
|
Supertex, Inc
|
HV2731 HV2731FG-G |
16-Channel (2 Banks of 8-Channels), High Voltage, Analog Switch With Bleed Resistors
|
Supertex, Inc
|
HV270107 HV2701FG-G HV2701 |
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
|
Supertex, Inc
|
HV2321 HV2321FG-G |
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
|
Supertex, Inc
|
HV232PJ-G |
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors OCTAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC28
|
Supertex, Inc.
|
CM6802 |
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
|
Champion Microelectronic Corp.
|
MNR32 |
Resistors > Multiple miniature chip resistor networks Size0603(0201) rectangular chip resistors : MNR14, etc.
|
ROHM
|
DTD113Z-AL3-6-R DTD113ZL-AE3-6-R DTD114E-AE3-R DTD |
NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) npn型数字晶体管(内置偏压电阻) DIGITAL TRANSISTORS (BUILT- IN RESISTORS) DIGITAL TRANSISTORS (BUILT-IN RESISTORS)
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
74LVT162244B 74LVT162244BDGG 74LVT162244BDL 74LVT1 |
3.3V 16-bit buffer/driver with 30 termination resistors 3.3 V 16-bit buffer-driver with 30 Ohm termination resistors 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 From old datasheet system 3.3V 16-bit buffer/driver with 30ohm termination resistors 3.3 V 16-bit buffer/driver with 30 Ohm termination resistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CRW1210 CRW1216 CRS0805 CRW2010 CRW2512 CRS0603 CR |
Power Chip Resistors Thick Film Chip Resistors
|
Riedon Powertron
|