PART |
Description |
Maker |
MC100EL34 MC100EL34D MC10EL34 MC10EL34D ON0669 MC1 |
2 / 4 / 8 Clock Generation Chip 2,4,8 Clock Generation Chip 2, 4, 8 Clock Generation Chip From old datasheet system ±2,±4,±8 Clock Generation Chip
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MC100LVEL39 MC100LVEL39DW MC100EL39 MC100EL39DW ON |
±2/4,±4/6 Clock Generation Chip From old datasheet system 2/4 /4/6 Clock Generation Chip 2/44/6 Clock Generation Chip 2/4,4/6 Clock Generation Chip
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
VDSL5100 |
5th Generation Single-port Standard VDSL Chip Set
|
INFINEON[Infineon Technologies AG]
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
SY100S838ZITR SY100S838 SY100S838L SY100S838LZC SY |
(±1, ±2/3) OR (±2, ±4/6) CLOCK GENERATION CHIP
|
MICREL[Micrel Semiconductor]
|
SY100S834L SY100S834ZG SY100S834ZGTR SY100S834LZGT |
(÷1, ÷2, ÷4) OR (÷2, ÷4, ÷8) CLOCK GENERATION CHIP (±1, ±2, ±4) OR (±2, ±4, ±8) CLOCK GENERATION CHIP
|
MICREL[Micrel Semiconductor]
|
MC10EL34DR2 MC100EL34 MC100EL34D MC100EL34DR2 MC10 |
5V ECL ±2, ±4, ±8 Clock Generation Chip
|
ONSEMI[ON Semiconductor]
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
AZP92 AZP92NAG AZP92X |
ECL/PECL ÷1, ÷2 Clock Generation Chip with Selectable Enable ECL/PECL ±1, ±2 Clock Generation Chip with Selectable Enable ECL/PECL ±1, ±2 Clock Generation Chip with Selectable Enable
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
LC662304A LC66E5316 LC66P5316 LC662104A LC662106A |
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|