PART |
Description |
Maker |
MIC2215 MIC2215-PPPBML MIC2215-PMMBML MIC2215-AAAB |
4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Replaced by PTH05060W : GT 24C 24#16 PIN PLUG Tirple High PSRR/ Low Noise uCap LDO Tirple High PSRR, Low Noise uCap LDO Tirple High PSRR Low Noise uCap LDO
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AP7342D-3333FS6-7 |
DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
|
Diodes Incorporated
|
P4SMA9.1 P4SMA9.1A P4SMA9.1C P4SMA7.5C P4SMA100 P4 |
Surface Mount Transient Voltage Suppressor 表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 8-MSOP-PowerPAD -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 TVS: Unidirectional TVS: Bidirectional
|
Taiwan Semiconductor Compan... http:// Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Co...
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AS1359-BTTT-25 AS1359-BTTT-26 AS1359-BTTT-27 AS135 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
|
austriamicrosystems AG
|
AS1358 AS1359 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
|
austriamicrosystems AG
|
TPS717XX |
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator in SC70-5
|
TI
|
MAX8841ELTXYT MAX8840ELTXY0T MAX8842ELTT MAX8840 M |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in UDFN
|
MAXIM[Maxim Integrated Products]
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
WL2003B |
Low noise, High PSRR..RF LDO
|
TY Semiconductor Co., Ltd
|