PART |
Description |
Maker |
AK4683EQ |
Asynchronous Multi-Channel Audio CODEC with DIR/T
|
Asahi Kasei Microsystems
|
SCN2652 SCN2652AC2N40 SCN68652 SCN68652AC2A44 SCN2 |
Multi-protocol communications controller (MPCC) HEATSINK TO-220 W/SHURLOCK-CLIP 1 CHANNEL(S), 2M bps, MULTI PROTOCOL CONTROLLER, CDIP40 Multi-protocol communications controller MPCC 1 CHANNEL(S), 2M bps, MULTI PROTOCOL CONTROLLER, PQCC44 Multi-protocol communications controller MPCC 1 CHANNEL(S), 2M bps, MULTI PROTOCOL CONTROLLER, PDIP40 Multi-protocol communications controller MPCC 多协议通信控制器茂 (SCN2652 / SCN68652) Multi-protocol communications controller MPCC
|
NXP Semiconductors N.V. Philips Semiconductors
|
ADN4600 ADN4600-EVALZ ADN4600ACPZ AD4600ACPZ-R7 |
8-CHANNEL, CROSS POINT SWITCH, QCC64 4.25 Gbps, 8 隆驴 8, Asynchronous Crosspoint Switch 4.25 Gbps, 8 × 8, Asynchronous Crosspoint Switch
|
ANALOG DEVICES INC
|
SM5956A SM5956AF |
6-channel Asynchronous Sample Rate Converter
|
Nippon Precision Circuits Inc
|
BC807 BC807-40 BC807-16 BC807-25 BC807_3 BC807/T1 |
PNP general purpose transistor From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO, BusTrace, AUD
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
GS73024B-15I GS73024B GS73024B-10 GS73024B-10I GS7 |
3Mb28K x 24Bit)Asynchronous SRAM(3M位(128K x 24位)异步静态RAM) 128K X 24 3MB ASYNCHRONOUS SRAM 128KX 24 3MB的异步SRAM 128K X 24 3MB ASYNCHRONOUS SRAM 128K的X 24 3MB的异步SRAM
|
List of Unclassifed Manufacturers ETC[ETC] GSI Technology Electronic Theatre Controls, Inc.
|
AD73360 AD73360AR AD73360ASU EVAL-AD73360EB EVAL-A |
6-Channel AFE Processor for General Purpose Applications Including Industrial Power Metering or Multi-Channel Analog Inputs Six-Input Channel Analog Front End
|
AD[Analog Devices]
|
CA3242E CA3242 |
Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load SH2 Series, 7144 Group, Two ADC circuits, 5-ch 16-bit MTU, 2-ch CMT, UBC, AUD FP-112B; Vcc= 3.0 to 3.6 volts, Temp= -20 to 75 C; Package: PRQP0112JB-A 四门控逆变电源的驱动器的接口低级别逻辑高电流负
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
TW2880 |
Advanced Multi-Channel HD Display/Record/Playback Controller IC for Next Generation 16-Channel DVR Applications
|
Intersil Corporation
|
HM-6564202 HM4-65642B_883 HM1-65642_883 HM1-65642B |
RAM, Asynchronous CMOS, 8Kx8, Access Time 150ns, 75-250A 8K x 8 Asynchronous CMOS Static RAM
|
INTERSIL[Intersil Corporation]
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|